Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0140BA02451S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0140BA02451S
Description  140 MHz SAW Filter 1 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140BA02451S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0140BA02451S Datasheet HTML 1Page - API Technologies Corp SF0140BA02451S Datasheet HTML 2Page - API Technologies Corp SF0140BA02451S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
140 MHz SAW Filter
1 MHz Bandwidth
Part Number: SF0140BA02451S
IDT
• SAW Products • 324 Clark Street, Worcester, MA 01606, USA • Ph 1-508-852-5400 • Fax 1-508-852-8456
www.idt.com
DSSF0140BA02451S Rev –
15-Jun-2006
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
139.90
140.00
140.10
MHz
Minimum Insertion Loss
-
9.8
12.0
dB
1 dB Bandwidth
2
1.00
1.33
-
MHz
3 dB Bandwidth
2
1.20
1.45
-
MHz
40 dB Bandwidth
2
2.71
2.80
MHz
Rejection (70 to 138.65 MHz)
2
(141.6 to 210 MHz)
2
40
40
44
44
-
-
dB
dB
Passband Amplitude Ripple
3
-
0.5
1.0
dB p-p
Passband Phase Ripple
3
-
3.2
6
deg p-p
Passband Group Delay Ripple
3
-
130
300
ns p-p
Absolute Delay
1.76
-
us
Input Return Loss at Fc
8
15
-
dB
Output Return Loss at Fc
8
15
-
dB
Temperature coefficient of Frequency
-
-0.032
-
ppm/˚C
2
Source/Load Impedance
50
ohms
Ambient Temperature
20
25
30
˚C
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies.
2. All dB levels are defined relative to the insertion loss.
3. Measured over Fc +/- 0.5 MHz.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-40
85
˚C
Input Power Level
-
10
dBm
MATCHING CIRCUIT
Typical component values:
(Minimum inductor Q = 40)
Notes:
1. Recommend use of 2% tolerance matching components.
2. Component values shown are for guidance only and may change depending on board layout.
Ls1
=
192
nH
Ls2
=
213
nH
Cp1
=
47
pF
Cp2
=
56
pF
1
6
10
5
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com