Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0140BA02449S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0140BA02449S
Description  140 MHz SAW Filter 5 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140BA02449S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0140BA02449S Datasheet HTML 1Page - API Technologies Corp SF0140BA02449S Datasheet HTML 2Page - API Technologies Corp SF0140BA02449S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
140 MHz SAW Filter
5 MHz Bandwidth
Part Number: SF0140BA02449S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0140BA02449S Rev B 22-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
-
140.00
-
MHz
Insertion Loss
2
-
12.0
13.5
dB
Lower 1dB Band Edge
-
137.26
137.55
MHz
Upper 1dB Band Edge
142.45
142.86
-
MHz
Lower 3dB Band Edge
-
136.96
137.35
MHz
Upper 3dB Band Edge
142.65
143.14
-
MHz
Lower 30dB Band Edge
136.00
136.17
-
MHz
Upper 30dB Band Edge
-
143.88
144.00
MHz
Passband Ripple
3
-
0.42
0.7
dB p-p
Phase Ripple
3
-
1.3
3
deg p-p
Group Delay Variation
3
-
30
50
ns p-p
Rejection
2
(70 to 125 MHz)
(125 to 135.5 MHz)
(144.5 to 155 MHz)
(155 to 210 MHz)
50
43
43
40
55
47
47
44
-
dB
dB
dB
dB
Temperature Coefficient of Frequency
-
-23
-
ppm/˚C
Ambient Temperature
-
25
-
˚C
System Source and Load Impedance
50
Ω
Notes: 1. Defined as the average of the lower and upper 3 dB frequencies.
2. All dB levels are defined relative to the insertion loss.
3. Defined over 137.88 to 142.12 MHz.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
+85
˚C
Input Power Level
+13
dBm
DC Voltage Between Each Terminal
15
V
MATCHING CIRCUIT
Ls1 = 15 nH
Lp1 = 22 nH
Ls2 = 27 nH
Lp2 = 22 nH
Notes:
1. Recommend +/-2% tolerance inductors, Q=40 minimum.
2. Component values shown are for reference only and may change depending on board layout.
Input
50 Ω Source
Single Ended
Output
50 Ω Load
Single Ended
11
5
All others



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com