Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0140BA02433T Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0140BA02433T
Description  140 MHz SAW Filter 4.4 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140BA02433T Datasheet(HTML) 2 Page - API Technologies Corp

  SF0140BA02433T Datasheet HTML 1Page - API Technologies Corp SF0140BA02433T Datasheet HTML 2Page - API Technologies Corp SF0140BA02433T Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
140 MHz SAW Filter
4.4 MHz Bandwidth
Part Number SF0140BA02433T
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0140BA02433T Rev B
22-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (FC )
1
139.92
140.00
140.08
MHz
Minimum Insertion Loss
-
19.9
21.5
dB
1.5 dB Bandwidth
2
4.40
4.42
-
MHz
25 dB Bandwidth
2
-
5.39
5.44
MHz
30 dB Bandwidth
2
-
5.49
5.70
MHz
40 dB Bandwidth
2
-
5.86
6.10
MHz
Passband Variation (Fc +/- 2.0 MHz)
-
0.6
1.0
dB p-p
Phase Linearity (FC +/- 2.2 MHz)
-
3
6
deg p-p
Group Delay Variation (Fc +/- 2.2 MHz)
3
-
80
100
ns p-p
Absolute Delay
-
2.26
2.30
us
Input VSWR (Fc +/- 2.2 MHz)
-
2.0
2.3
:1
Output VSWR (Fc +/- 2.2 MHz)
-
2.0
2.3
:1
Ultimate Rejection (Fc+/-3.5 to Fc+/- 60 MHz)
40
45
-
dB
Substrate Material
112 LiTaO3
Ambient Temperature (Tref)
-
25
-
˚C
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies.
2. All dB levels are defined relative to the insertion loss.
3. A smoothing aperture of 0.125 MHz may be used for this measurement.
4. Typical change of filter response with temperature is: ∆f = (T-Tref)*Tc*Fc in ppm.
MAXIMUM RATINGS
Parameter
Min
Typ
Max
Units
Storage Temperature Range
-40
25
85
˚C
Material Coefficient of Frequency (Tc)
4
-
-23
-
ppm/˚C
Input Power Level
-
0
10
dBm
MATCHING CIRCUIT
Typical component values:
(Minimum inductor Q = 45)
Notes:
1. Recommend the use of
+/-2% tolerance components.
2. Component values shown are for guidance only and may change depending on board layout.
Ls1
=
15
nH
Ls2 =
18
nH
Cp1 =
68
pF
Cp2 =
68
pF
Rp1 =
22
Ω
Rp2 =
22
Ω
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
1
10
18
9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com