Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4459CSRLG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4459CSRLG
Description  30V P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4459CSRLG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4459CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4459CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4459CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4459CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSM4459
30V P-Channel MOSFET
1/4
Version: A12
SOP-8
PRODUCT SUMMARY
VDS (V)
RDS(on)(m
Ω)
ID (A)
-30
5.2 @ VGS = -10V
-17
9.5 @ VGS = -4.5V
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
Block Diagram
P-Channel MOSFET
Application
●
DC-DC Converter
●
Battery Power System
Ordering Information
Part No.
Package
Packing
TSM4459CS RLG
SOP-8
2.5Kpcs / 13” Reel
Note: “G” denote for Halogen Free Product
Absolute Maximum Rating (TA = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TA = 25
oC
ID
-17
A
TA = 70
oC
-13.6
Pulsed Drain Current
IDM
-68
A
Maximum Power Dissipation
Note a.
TA = 25
oC
PD
2.5
W
TA = 70
oC
1.6
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Ambient Thermal Resistance
Note a.
RӨJA
50
oC/W
Notes:
a. The Device Surface Mounted on 1inch
2 FR4 Board with 2oz copper.
Pin Definition:
1. Source
8. Drain
2. Source
7. Drain
3. Source
6. Drain
4. Gate
5. Drain


Similar Part No. - TSM4459CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4404CSRL TSC-TSM4404CSRL Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4405P TSC-TSM4405P Datasheet
183Kb / 6P
Single P-Channel 1.8V Specified MicroSURF MOSFET
TSM4410 TSC-TSM4410 Datasheet
139Kb / 3P
N-Channel Enhancement Mode MOSFET
TSM4410 TSC-TSM4410 Datasheet
356Kb / 6P
25V N-Channel MOSFET
More results

Similar Description - TSM4459CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com