Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS2323-4SC Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT90LS2323-4SC
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323-4SC Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT90LS2323-4SC Datasheet HTML 56Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 57Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 58Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 59Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 60Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 61Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 62Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 63Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 64Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
61
AT90S/LS2323/2343
1004D–09/01
Notes:
1. The speed grade refers to maximum clock rate when using an external crystal or external clock drive. The internal RC oscil-
lator has the same nominal clock frequency for all speed grades.
2. In AT90LS2343-1xx, the internal RC oscillator is selected as default MCU clock source (RCEN fuse is programmed) when
the device is shipped from Atmel. In AT90LS2343-4xx and AT90S2343-10xx, the default MCU clock source is the clock
input pin (RCEN fuse is unprogrammed). The fuse settings can be changed by high voltage serial programming.
Ordering Information
Power Supply
Speed (MHz)
Ordering Code
Package
Operation Range
2.7 - 6.0V
4
AT90LS2323-4PC
AT90LS2323-4SC
8P3
8S2
Commercial
(0
°C to 70°C)
AT90LS2323-4PI
AT90LS2323-4SI
8P3
8S2
Industrial
(-40
°C to 85°C)
4.0 - 6.0V
10
AT90S2323-10PC
AT90S2323-10SC
8P3
8S2
Commercial
(0
°C to 70°C)
AT90S2323-10PI
AT90S2323-10SI
8P3
8S2
Industrial
(-40
°C to 85°C)
2.7 - 6.0V
1
AT90LS2343-1PC
AT90LS2343-1SC
8P3
8S2
Commercial
(0
°C to 70°C)
AT90LS2343-1PI
AT90LS2343-1SI
8P3
8S2
Industrial
(-40
°C to 85°C)
2.7 - 6.0V
4
AT90LS2343-4PC
AT90LS2343-4SC
8P3
8S2
Commercial
(0
°C to 70°C)
AT90LS2343-4PI
AT90LS2343-4SI
8P3
8S2
Industrial
(-40
°C to 85°C)
4.0 - 6.0V
10
AT90S2343-10PC
AT90S2343-10SC
8P3
8S2
Commercial
(0
°C to 70°C)
AT90S2343-10PI
AT90S2343-10SI
8P3
8S2
Industrial
(-40
°C to 85°C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S2
8-lead, 0.200" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com