Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS8535 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90LS8535
Description  8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90LS8535 Datasheet HTML 1Page - ATMEL Corporation AT90LS8535 Datasheet HTML 2Page - ATMEL Corporation AT90LS8535 Datasheet HTML 3Page - ATMEL Corporation AT90LS8535 Datasheet HTML 4Page - ATMEL Corporation AT90LS8535 Datasheet HTML 5Page - ATMEL Corporation AT90LS8535 Datasheet HTML 6Page - ATMEL Corporation AT90LS8535 Datasheet HTML 7Page - ATMEL Corporation AT90LS8535 Datasheet HTML 8Page - ATMEL Corporation AT90LS8535 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Features
• Utilizes the AVR ® Enhanced RISC Architecture
• AVR - High Performance and Low Power RISC Architecture
• 118 Powerful Instructions - Most Single Clock Cycle Execution
• 8K bytes of In-System Programmable Flash AT90S/LS8535
4K bytes of In-System Programmable Flash AT90S/LS4434
– SPI Serial Interface for In-System Programming
– Endurance: 1,000 Write/Erase Cycles
• 512 bytes EEPROM AT90S/LS8535
256 bytes EEPROM AT90S/LS4434
– Endurance: 100,000 Write/Erase Cycles
• 512 bytes Internal SRAM AT90S/LS8535
256 bytes Internal SRAM AT90S/LS4434
• 8-Channel, 10-Bit ADC
• 32 x 8 General Purpose Working Registers
• 32 Programmable I/O Lines
• Programmable Serial UART
• V
CC: 4.0 - 6.0V AT90S4434/AT90S8535
• V
CC: 2.7 - 6.0V AT90LS4434/AT90LS8535
• Speed Grades:
0 - 8 MHz AT90S4434/AT90S8535,
0 - 4 MHz (AT90LS4434/AT90LS8535
• Power-On Reset Circuit
• Up to 8 MIPS Throughput at 8 MHz
• RTC with Separate Oscillator and Counter Mode
• Two 8-Bit Timer/Counters with Separate Prescaler and Compare Mode
• One 16-Bit Timer/Counter with Separate Prescaler and Compare and Capture Modes
• 3 PWM channels
• External and Internal Interrupt Sources
• Programmable Watchdog Timer with On-Chip Oscillator
• On-Chip Analog Comparator
• Three Sleep Modes: Idle, Power Save, and Power Down
• Programming Lock for Software Security
Description
The AT90S4434/8535 is a low-power CMOS 8-bit microcontroller based on the AVR®
enhanced RISC architecture. By executing powerful instructions in a single clock
cycle, the AT90S4434/8535 achieves throughputs approaching 1 MIPS per MHz
allowing the system designer to optimize power consumption versus processing
speed.
Rev. 1041AS–05/98
8-Bit
Microcontroller
with 4K/8K
Bytes In-System
Programmable
Flash
AT90S4434
AT90LS4434
AT90S8535
AT90LS8535
Advance
Information
Pin Configurations
(continued)
Note: This is a summary document. For the complete 80 page
document, please visit our website at
www.atmel.com or e-mail at
literature@atmel.com and request literature #1041A.


Similar Part No. - AT90LS8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90LS8535 ATMEL-AT90LS8535 Datasheet
2Mb / 127P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90LS8535-4AC ATMEL-AT90LS8535-4AC Datasheet
2Mb / 127P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90LS8535-4AI ATMEL-AT90LS8535-4AI Datasheet
2Mb / 127P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90LS8535-4JC ATMEL-AT90LS8535-4JC Datasheet
2Mb / 127P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90LS8535-4JI ATMEL-AT90LS8535-4JI Datasheet
2Mb / 127P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - AT90LS8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA4HVD ATMEL-ATMEGA4HVD Datasheet
286Kb / 18P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_10 Datasheet
444Kb / 11P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51_11 Datasheet
4Mb / 113P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_12 Datasheet
721Kb / 22P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com