Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADL5511
Rev. A | Page 19 of 28
APPLICATIONS INFORMATION
RFIN
ENBL
RMS
400Ω
20pF
ENVELOPE
VRMS
RMS
OUTPUT
ENVELOPE
OUTPUT
ENVELOPE
REFERENCE
VENV
EREF
VPOS
VPOS
VPOS
+5V
400Ω
FLT1
FLT2
FLT3
COMM
FLT4
VPOS
0.8pF
0.4pF
10kΩ
5pF
250Ω
250Ω
100
Ω
ADL5511
BIAS AND POWER-
DOWN CONTROL
G = 1.7
G = 1.5
VPOS
NC
R5
75Ω
15
14
4
2
3
11
10
9
13
6
7
8
12
16
1
5
C14
0.1µF
C17
0.1µF
C13
100pF
C1
100pF
C2
100pF
C10
(SEE TEXT)
C6
(SEE TEXT)
Figure 49. Basic Connections
BASIC CONNECTIONS
Basic connections for operation of the ADL5511 are shown in
Figure 49. The ADL5511 requires a single supply of 5 V. The
supply is connected to the VPOS supply pin. Decouple this
pin using two capacitors with values equal or similar to those
shown in Figure 49. Place these capacitors as close as possible
to the VPOS pin.
An external 75 Ω resistor combines with the relatively high
RF input impedance of the ADL5511 to provide a broadband
50 Ω match. Place an ac coupling capacitor between this resistor
and RFIN.
The envelope output is available on Pin 10 (VENV) and is
referenced to the 1.1 V dc voltage on Pin 9 (EREF).
The rms output voltage is available at the VRMS pin with rms
averaging provided by the supply-referenced capacitance on
Pin 14 (FLT4).
OPERATION BELOW 1 GHZ/ENVELOPE FILTERING
To operate the ADL5511 at frequencies below 1 GHz, a number
of external capacitors must be added to the FLT3, FLT2, and
FLT1 pins. These changes are in addition to the choice of an
appropriate rms averaging capacitor, see the Choosing a Value
for the RMS Averaging Capacitor (CFLT4) section.
As part of the internal signal processing algorithm, the RF
input signal passes through a low-pass filter comprising of a
10 kΩ resistor and a 5 pF capacitor (see Figure 49). This
corresponds to a corner frequency of approximately 3.2 MHz.
If the carrier frequency is less than approximately ten times this
value (32 MHz), this corner frequency must be reduced. The
internal 5 pF capacitance can be augmented by connecting a
ground referenced capacitor to Pin 3 (FLT1). The value of the
external capacitance is set using the following equation:
pF
5
)
000
,
10
π
2
(
1
−
Ω
×
×
=
3dB
FLT1
f
C
(3)
For example, a 100 pF capacitance on FLT1 will reduce the
corner frequency to 150 kHz. As a general guideline, this
corner frequency should be set to be at least one tenth of the
minimum expected carrier frequency. This ensures a flat
frequency response around the frequency of interest.
The envelope detection path of the ADL5511 includes internal
carrier-suppression low-pass filtering. With the FLT2 and FLT3
pins not connected, two internal 1 GHz and 800 MHz low-pass
filters (operating in series) remove the RF carrier from the
envelope output signal.
The equations for these filters are as follows:
GHz
1
)
400
pF
4
.
0
π
2
(
1
≅
Ω
×
×
(4)
and
MHz
800
)
250
pF
8
.
0
π
2
(
1
≅
Ω
×
×
(5)
Because the envelope detection circuitry includes a full-wave
rectifier, this filter has to primarily suppress the signal at twice
the original input frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com