Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS2333-4AI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90LS2333-4AI
Description  8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2333-4AI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90LS2333-4AI Datasheet HTML 1Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 2Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 3Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 4Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 5Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 6Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 7Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 8Page - ATMEL Corporation AT90LS2333-4AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Pin Configurations
TQFP Top View
PDIP
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
(INT1) PD3
(T0) PD4
NC
VCC
GND
NC
XTAL1
XTAL2
PC1 (ADC1)
PC0 (ADC0)
NC
AGND
AREF
NC
AVCC
PB5 (SCK)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RESET
(RXD) PD0
(TXD) PD1
(INT0) PD2
(INT1) PD3
(T0) PD4
VCC
GND
XTAL1
XTAL2
(T1) PD5
(AIN0) PD6
(AIN1) PD7
(ICP) PB0
PC5 (ADC5)
PC4 (ADC4)
PC3 (ADC3)
PC2 (ADC2)
PC1 (ADC1)
PC0 (ADC0)
AGND
AREF
AVCC
PB5 (SCK)
PB4 (MISO)
PB3 (MOSI)
PB2 (SS)
PB1 (OC1)
Features
• High-performance and Low-power AVR® 8-bit RISC Architecture
– 118 Powerful Instructions - Most Single Cycle Execution
– 32 x 8 General Purpose Working Registers
– Up to 8 MIPS Throughput at 8 MHz
• Data and Nonvolatile Program Memory
– 2K/4K Bytes of In-System Programmable Flash
Endurance 1,000 Write/Erase Cycles
– 128 Bytes of SRAM
– 128/256 Bytes of In-System Programmable EEPROM
Endurance: 100,000 Write/Erase Cycles
– Programming Lock for Flash Program and EEPROM Data Security
• Peripheral Features
– One 8-bit Timer/Counter with Separate Prescaler
– Expanded 16-bit Timer/Counter with Separate Prescaler,
Compare, Capture Modes and 8-, 9- or 10-bit PWM
– On-chip Analog Comparator
– Programmable Watchdog Timer with Separate On-chip Oscillator
– Programmable UART
– 6-channel, 10-bit ADC
– Master/Slave SPI Serial Interface
• Special Microcontroller Features
– Brown-Out Reset Circuit
– Enhanced Power-on Reset Circuit
– Low-Power Idle and Power Down Modes
– External and Internal Interrupt Sources
• Specifications
– Low-power, High-speed CMOS Process Technology
– Fully Static Operation
• Power Consumption at 4 MHz, 3V, 25
°C
– Active: 3.4 mA
– Idle Mode: 1.4 mA
– Power Down Mode: <1 µA
• I/O and Packages
– 20 Programmable I/O Lines
– 28-pin PDIP and 32-pin TQFP
• Operating Voltage
– 2.7V - 6.0V (AT90LS2333 and AT90LS4433)
– 4.0V - 6.0V (AT90S2333 and AT90S4433)
• Speed Grades
– 0 - 4 MHz (AT90LS2333 and AT90LS4433)
– 0 - 8 MHz (AT90S2333 and AT90S4433)
Rev. 1042DS–04/99
8-bit
Microcontroller
with 2K/4K bytes
In-System
Programmable
Flash
AT90S2333
AT90LS2333
AT90S4433
AT90LS4433
Preliminary
Note: This is a summary document. For the complete 103 page
document, please visit our Web site at www.atmel.com or e-mail
at literature@atmel.com and request literature #1042D.


Similar Part No. - AT90LS2333-4AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90LS2323 ATMEL-AT90LS2323 Datasheet
983Kb / 64P
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90LS2323-4PC ATMEL-AT90LS2323-4PC Datasheet
983Kb / 64P
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90LS2323-4PI ATMEL-AT90LS2323-4PI Datasheet
983Kb / 64P
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90LS2323-4SC ATMEL-AT90LS2323-4SC Datasheet
983Kb / 64P
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90LS2323-4SI ATMEL-AT90LS2323-4SI Datasheet
983Kb / 64P
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results

Similar Description - AT90LS2333-4AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
8-Bit Microcontroller with 2K bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_10 Datasheet
703Kb / 22P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_10 Datasheet
444Kb / 11P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_12 Datasheet
721Kb / 22P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com