Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS2343-1PI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT90LS2343-1PI
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2343-1PI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT90LS2343-1PI Datasheet HTML 5Page - ATMEL Corporation AT90LS2343-1PI Datasheet HTML 6Page - ATMEL Corporation AT90LS2343-1PI Datasheet HTML 7Page - ATMEL Corporation AT90LS2343-1PI Datasheet HTML 8Page - ATMEL Corporation AT90LS2343-1PI Datasheet HTML 9Page - ATMEL Corporation AT90LS2343-1PI Datasheet HTML 10Page - ATMEL Corporation AT90LS2343-1PI Datasheet HTML 11Page - ATMEL Corporation AT90LS2343-1PI Datasheet HTML 12Page - ATMEL Corporation AT90LS2343-1PI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
9
AT90S/LS2323/2343
1004D–09/01
General-purpose
Register File
Figure 7 shows the structure of the 32 general-purpose registers in the CPU.
Figure 7. AVR CPU General-purpose Working Registers
All the register operating instructions in the instruction set have direct and single-cycle
access to all registers. The only exception is the five constant arithmetic and logic
instructions SBCI, SUBI, CPI, ANDI and ORI between a constant and a register and the
LDI instruction for load immediate constant data. These instructions apply to the second
half of the registers in the register file (R16..R31). The general SBC, SUB, CP, AND and
OR and all other operations between two registers or on a single register apply to the
entire register file.
As shown in Figure 7, each register is also assigned a data memory address, mapping
them directly into the first 32 locations of the user Data Space. Although the register file
is not physically implemented as SRAM locations, this memory organization provides
great flexibility in access of the registers, as the X-, Y-, and Z-registers can be set to
index any register in the file.
70
Addr.
R0
$00
R1
$01
R2
$02
…
R13
$0D
General
R14
$0E
Purpose
R15
$0F
Working
R16
$10
Registers
R17
$11
…
R26
$1A
X-register low byte
R27
$1B
X-register high byte
R28
$1C
Y-register low byte
R29
$1D
Y-register high byte
R30
$1E
Z-register low byte
R31
$1F
Z-register high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com