Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S02-05-R Datasheet(PDF) 1 Page - Tyco Electronics

Part # S02-05-R
Description  SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

S02-05-R Datasheet(HTML) 1 Page - Tyco Electronics

  S02-05-R Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
300 Constitutional Drive
Menlo Park, CA 94025 USA
RAYCHEM
TITLE:
SOLDERSLEEVE* SHIELD TERMINATOR,
IMMERSION RESISTANT, MIL-S-83519/2
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO:
S02-XX-R
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES:
N/A
ROUGHNESS
IN MICRON
TE Connectivity reserves the right to
amend this drawing at any time. Users
should evaluate the suitability of the
product for their application.
DATE:
16-Apr-11
DOC ISSUE:
4
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
D970095
DCR NUMBER:
D981342
PROD. REV.:
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
1 of 1
Print Date: 9-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Name
Product Dimensions
Cable Dimensions
Product Rev.
Product Rev.
Product Rev.
Product Rev.
A1.75
øB
øC
H
øE
øF
øG
øD
J0.5
20 AWG
22 AWG
24 AWG
26 AWG
(A0.07)
min
min
min
max
min
min
max
(J0.02)
S02-01-R
D
S02-06-R
D
S02-11-R
D
S02-16-R
D
16.5
(0.650)
1.90
(0.075)
2.65
(0.105)
8.25
(0.325)
2.65
(0.105)
0.90
(0.035)
0.50
(0.020)
1.90
(0.075)
7.5
(0.295)
S02-02-R
D
S02-07-R
D
S02-12-R
D
S02-17-R
D
16.5
(0.650)
2.65
(0.105)
3.68
(0.145)
8.25
(0.325)
3.68
(0.145)
1.40
(0.055)
0.75
(0.030)
2.65
(0.105)
7.5
(0.295)
S02-03-R
D
S02-08-R
D
S02-13-R
D
S02-18-R
D
16.5
(0.650)
4.30
(0.170)
5.08
(0.200)
8.25
(0.325)
5.08
(0.200)
2.15
(0.085)
1.25
(0.050)
4.30
(0.170)
7.5
(0.295)
S02-04-R
D
S02-09-R
D
S02-14-R
D
S02-19-R
D
19.1
(0.750)
5.95
(0.235)
6.45
(0.255)
8.25
(0.325)
6.45
(0.255)
3.30
(0.130)
1.80
(0.070)
5.95
(0.235)
7.5
(0.295)
S02-05-R
D
S02-10-R
D
S02-15-R
D
S02-20-R
D
19.1
(0.750)
7.00
(0.275)
7.60
(0.300)
8.25
(0.325)
7.60
(0.300)
4.30
(0.170)
2.50
(0.100)
7.00
(0.275)
7.5
(0.295)
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked polyvinylidene fluoride.
2. SOLDER PREFORM WITH FLUX AND THERMAL INDICATOR:
SOLDER:
TYPE Sn63 per ANSI-J-STD-006.
FLUX:
TYPE ROL1 per ANSI-J-STD-004.
THERMAL INDICATOR: Color change: violet to colorless.
3. MELTABLE RING: Environment resistant thermoplastic. Color:blue.
4. GROUND LEAD: MIL-W-22759/32-AA-90 lead gauge per table.
APPLICATION
1. These parts are designed to provide an environment resistant shield termination on cables meeting the following criteria:
Dimensions: Per table.
Jacket rating: 125C.
Shield plating: Tin or silver.
Jacket material: See M83519/2 or consult Raychem.
2. Parts are qualified to M83519/2.
3. For assembly information, refer to Raychem document RCPS-100-70.
For best results, prepare
the cable as shown:
* A trademark of TE Connectivity.


Similar Part No. - S02-05-R

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
S02-06-R TEC-S02-06-R Datasheet
132Kb / 6P
Shield Termination
Revised 12-04
logo
Tyco Electronics
S02-07-R-92 MACOM-S02-07-R-92 Datasheet
38Kb / 1P
SOLDERSLEEVE SHIELD TERMINATION ENVIRONMENT RESISTANT WITH LEAD
S02-07-R-XX MACOM-S02-07-R-XX Datasheet
38Kb / 1P
SOLDERSLEEVE SHIELD TERMINATION ENVIRONMENT RESISTANT WITH LEAD
S02-08-R-XX MACOM-S02-08-R-XX Datasheet
38Kb / 1P
SOLDERSLEEVE SHIELD TERMINATION ENVIRONMENT RESISTANT WITH LEAD
More results

Similar Description - S02-05-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S200-1-W1-22-9 MACOM-S200-1-W1-22-9 Datasheet
52Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR WITH LEADS IMMERSION RESISTANT, 200 DEG C ROHS COMPLIANT
logo
PANDUIT CORP.
D-101-31 PANDUIT-D-101-31 Datasheet
35Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR
D-103-00 PANDUIT-D-103-00 Datasheet
114Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR
D-104-00 PANDUIT-D-104-00 Datasheet
38Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR
D-108-00 PANDUIT-D-108-00 Datasheet
30Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR
D-142-65 PANDUIT-D-142-65 Datasheet
40Kb / 1P
SOLDERSLEEVE* SHIELD TERMINATOR
logo
TE Connectivity Ltd
SO63-A-55-GA-CL TEC-SO63-A-55-GA-CL Datasheet
95Kb / 1P
SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD IMMERSION RESISTANT
SO63-X-00 TEC-SO63-X-00 Datasheet
69Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR, IMMERSION RESISTANT
SO96-X-00 TEC-SO96-X-00 Datasheet
69Kb / 1P
SOLDERSLEEVE SHIELD TERMINATOR IMMERSION RESISTANT, HIGH TEMP.
SO96-X-55-22-90 TEC-SO96-X-55-22-90 Datasheet
76Kb / 1P
SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH LEADS, HIGH TEMPERATURE IMMERSION RESISTANT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com