Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6005-2AC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT6005-2AC
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6005-2AC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT6005-2AC Datasheet HTML 2Page - ATMEL Corporation AT6005-2AC Datasheet HTML 3Page - ATMEL Corporation AT6005-2AC Datasheet HTML 4Page - ATMEL Corporation AT6005-2AC Datasheet HTML 5Page - ATMEL Corporation AT6005-2AC Datasheet HTML 6Page - ATMEL Corporation AT6005-2AC Datasheet HTML 7Page - ATMEL Corporation AT6005-2AC Datasheet HTML 8Page - ATMEL Corporation AT6005-2AC Datasheet HTML 9Page - ATMEL Corporation AT6005-2AC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AT6000(LV) Series
6
Figure 5. Combinatorial Physical States
Figure 6. Register States
Figure 7. Physical Constants
Figure 8. Two-input AND Feeding XOR
Figure 9. Cell Configuration (AlL) XOR B
Li
Li
Li
Li
Li
Li
Li
Li
Li
Li
Li
Li
Li
Li
Li
Li
Li
BB
A
BB
B
B
A
B
BA
B
BA
B
A
B
A
B
B
B
B
BB
A
B
B
A
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
B
B
A
B
B
A
B
B
B
B
A
1
B
A
0
A
B
D
Q
"0"
A
B
D
Q
B
D
Q
B
B
D
Q
A
B
D
Q
D
Q
BA
D
Q
A
B
D
Q
B
B
D
Q
BA
B
D
Q
BA
D
Q
B
1 0
Li
Li
Li
Li
Li
Li
Li
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
A, Lo
"0"
"0"
B
"0"
"1"
B
"1"
"0"
B
"1"
"1"
B
A, Lo
A, Lo
A, Lo
A, Lo
A
A
B
Li



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com