Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR-343PC Datasheet(PDF) 2 Page - Rohm

Part # SLR-343PC
Description  Electrical Characteristics Curves
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343PC Datasheet(HTML) 2 Page - Rohm

  SLR-343PC Datasheet HTML 1Page - Rohm SLR-343PC Datasheet HTML 2Page - Rohm SLR-343PC Datasheet HTML 3Page - Rohm SLR-343PC Datasheet HTML 4Page - Rohm SLR-343PC Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FORWARD VOLTAGE
:VF (V)
1.0
1.5
2.0
3.0
2.5
Ta=25°C
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
ATMOSPHERE TEMPERATURE
:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
FOWARD CURRENT
:IF (mA)
0
1.2
1.0
0.8
0.6
0.4
0.2
0
5
10
15
20
25
Ta=25°C
AMBIENT TEMPERATURE
:Ta (
°C)
0
10
20
30
-40
-20
0
20
40
60
80
100
■
■
■
■
■
SLR-343VR
■
SLR-343VC
■
SLR-343DU
■
SLR-343DC
■
SLR-343YY
■
SLR-343YC
■
SLR-343MG
■
SLR-343MC
■
SLR-343PG
■
SLR-343PC
:
ATMOSPHERE TEMPERATURE
:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
FOWARD CURRENT
:IF (mA)
0
0.5
1.0
1.5
Ta=25°C
010
30
20
AMBIENT TEMPERATURE
:Ta (
°C)
0
10
20
40
30
-40
-20
0
20
40
60
80
100
■ ■
SLR-343VR
■
SLR-343VC
■
SLR-343DU
■
SLR-343DC
■
SLR-343YY
■
SLR-343YC
■
SLR-343MG
■
SLR-343MC
■
SLR-343PG
■
SLR-343PC
■
■
SLR343ECT
■
SLR343BCT
■
SLR343EC4T
■
SLR343BC4T
■
SLR343BC7T
■
■
SLR343WBC7T
■
■
SLR343ECT
■
SLR343EC4T
■
SLR343BCT
■
SLR343BC4T
■
SLR343BC7T
■
■
SLR343WBC7T
■
■
SLR343ECT
■
SLR343EC4T
■
SLR343BCT
■
SLR343BC4T
■
SLR343BC7T
■
■
SLR343WBC7T
■
■
SLR343ECT
■
SLR343EC4T
■
SLR343BCT
■
SLR343BC4T
■
SLR343BC7T
■
■
SLR343WBC7T
■
■
■
SLR-343VR
■
SLR-343VC
■
SLR-343DU
■
SLR-343DC
■
SLR-343YY
■
SLR-343YC
■
SLR-343MG
■
SLR-343MC
■
SLR-343PG
■
SLR-343PC
■
■
■
SLR-343VR
■
SLR-343VC
■
SLR-343DU
■
SLR-343DC
■
SLR-343YY
■
SLR-343YC
■
SLR-343MG
■
SLR-343MC
■
SLR-343PG
■
SLR-343PC
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Derating
SLR-343 Series
Luminous Intensity-Forward Current
2/4
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2013.04 - Rev.D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com