Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS2343-4PI Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT90LS2343-4PI
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2343-4PI Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT90LS2343-4PI Datasheet HTML 35Page - ATMEL Corporation AT90LS2343-4PI Datasheet HTML 36Page - ATMEL Corporation AT90LS2343-4PI Datasheet HTML 37Page - ATMEL Corporation AT90LS2343-4PI Datasheet HTML 38Page - ATMEL Corporation AT90LS2343-4PI Datasheet HTML 39Page - ATMEL Corporation AT90LS2343-4PI Datasheet HTML 40Page - ATMEL Corporation AT90LS2343-4PI Datasheet HTML 41Page - ATMEL Corporation AT90LS2343-4PI Datasheet HTML 42Page - ATMEL Corporation AT90LS2343-4PI Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
39
AT90S/LS2323/2343
1004D–09/01
High-voltage Serial
Programming Algorithm
To program and verify the AT90S/LS2323 and AT90S/LS234 in the high-voltage Serial
Programming mode, the following sequence is recommended (see instruction formats in
Table 16):
1.
Power-up sequence: Apply 4.5 - 5.5V between V
CC and GND. Set RESET and
PB0 to “0” and wait at least 100 ns. Then, if the RCEN Fuse is not programmed,
toggle XTAL1/PB3 at least four times with minimum 100 ns pulse width. Set PB3
to “0”. Wait at least 100 ns. Or, if the RCEN Fuse is programmed, set PB3 to “0”.
Wait for least 4 µs. In both cases, apply 12V to RESET and wait at least 100 ns
before changing PB0. Wait 8 µs before giving any instructions.
2.
The Flash array is programmed one byte at a time by supplying first the address,
then the low and high data bytes. The write instruction is self-timed; wait until the
PB2 (RDY/BSY) pin goes high.
3.
The EEPROM array is programmed one byte at a time by supplying first the
address, then the data byte. The write instruction is self-timed; wait until the PB2
(RDY/BSY) pin goes high.
4.
Any memory location can be verified by using the Read instruction, which returns
the contents at the selected address at serial output PB2.
5.
Power-off sequence:Set PB3 to “0”.
Set RESET to “0”.
Turn VCC power off.
When writing or reading serial data to the device, data is clocked on the rising edge of
the serial clock. See Figure 33, Figure 34 and Table 17 for details.
Figure 33. High-voltage Serial Programming Waveforms
MSB
MSB
MSB
LSB
LSB
LSB
01
2
3
4
5
67
8
9
10
SERIAL DATA INPUT
PB0
SERIAL INSTR. INPUT
PB1
SERIAL DATA OUTPUT
PB2
SERIAL CLOCK INPUT
XTAL1/PB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com