Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504AS Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF1504AS
Description  High- Performance EE CPLD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF1504AS Datasheet HTML 13Page - ATMEL Corporation ATF1504AS Datasheet HTML 14Page - ATMEL Corporation ATF1504AS Datasheet HTML 15Page - ATMEL Corporation ATF1504AS Datasheet HTML 16Page - ATMEL Corporation ATF1504AS Datasheet HTML 17Page - ATMEL Corporation ATF1504AS Datasheet HTML 18Page - ATMEL Corporation ATF1504AS Datasheet HTML 19Page - ATMEL Corporation ATF1504AS Datasheet HTML 20Page - ATMEL Corporation ATF1504AS Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
ATF1504AS(Z)
21
Packaging Information
*Controlling dimension: millimeters
PIN 1 ID
0.56(0.022)
0.44(0.018)
16.25(0.640)
15.75(0.620)
0.17(0.007)
0.27(0.011)
14.10(0.555)
13.90(0.547)
0.95(0.037)
1.27(0.05)
0.05(0.002)
0.15(0.006)
0.45(0.018)
0.75(0.030)
0-7
0.20(0.008)
0.10(0.004)
PIN 1 ID
.667(16.95)
.687(17.44)
.782(19.87)
.792(20.12)
.904(22.95)
.923(23.45)
0.026(.65) BSC
.009(0.22)
.016(0.41)
.134(3.40) MAX
.004(0.10) MIN
.028(0.73)
.041(1.03)
.546(13.87)
.556(14.12)
.004(0.10)
.010(0.25)
0
7
100A, 100-Lead, Thin (1.0 mm) Plastic Gull Wing
Quad Flat Package (TQFP)
Dimensions in Millimeters and (Inches)*
100Q1, 100-Lead, Plastic Gull Wing Quad Flat
Package (PQFP)
Dimensions in Millimeters and (Inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com