Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1516ASL Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF1516ASL
Description  High Performance EE-Based CPLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1516ASL Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF1516ASL Datasheet HTML 2Page - ATMEL Corporation ATF1516ASL Datasheet HTML 3Page - ATMEL Corporation ATF1516ASL Datasheet HTML 4Page - ATMEL Corporation ATF1516ASL Datasheet HTML 5Page - ATMEL Corporation ATF1516ASL Datasheet HTML 6Page - ATMEL Corporation ATF1516ASL Datasheet HTML 7Page - ATMEL Corporation ATF1516ASL Datasheet HTML 8Page - ATMEL Corporation ATF1516ASL Datasheet HTML 9Page - ATMEL Corporation ATF1516ASL Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ATF1516AS/L
6
1. The V
CC rise must be monotonic,
2. After reset occurs, all input and feedback setup times
must be met before driving the clock pin high, and,
3. The clock must remain stable during T
PR.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of the ATF1516AS fuse patterns. Once programmed, fuse
verify is inhibited. However, User Signature and device ID
remains accessible.
Programming
ATF1516AS devices are In-System Programmable (ISP)
devices utilizing the 4-pin JTAG protocol. This capability
eliminates package handling normally required for program
and facilitates rapid design iterations and field changes.
Atmel provides ISP hardware and software to allow pro-
gramming of the ATF1516AS via the PC. ISP is perfomed
by using either a download cable, or a comparable board
tester or a simple microprocessor interface.
To facilitate ISP programming by the Automated Test
Equipment (ATE) vendors. Serial Vector Format (SVF)
files can be created by Atmel provided Software utilities.
ATF1516AS devices can also be programmed using stan-
dard 3rd party programmers. With 3rd party programmer
the JTAG ISP port can be disabled thereby allowing 4 addi-
tional I/O pins to be used for logic.
Contact your local Atmel representatives or Atmel PLD
applications for details.
ISP Programming Protection
The ATF1516AS has a special feature which locks the
device and prevents the inputs and I/O from driving if the
programming process is interrupted due to any reason. The
inputs and I/O default to high-Z state during such a condi-
tion. In addition the pin keeper option preserves the former
state during device programming.
All ATF1516AS devices are initially shipped in the erased
state thereby making them ready to use for ISP.
Note:
For more information refer to the “Desigining for In-Sys-
tem Programmability with Atmel CPLDs” application
note.
Timing Model
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com