Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS8535-4PC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90LS8535-4PC
Description  8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PC Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90LS8535-4PC Datasheet HTML 1Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 2Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 3Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 4Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 5Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 6Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 7Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 8Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AT90S/LS4434 and AT90S/LS8535
2
Block Diagram
The AVR core combines a rich instruction set with 32 gen-
eral purpose working registers. All the 32 registers are
directly connected to the Arithmetic Logic Unit (ALU),
allowing two independent registers to be accessed in one
single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving through-
puts up to ten times faster than conventional CISC micro-
controllers.
The AT90S4434/8535 provides the following features:
4K/8K bytes of In-System Programmable Flash, 256/512
bytes EEPROM, 256/512 bytes SRAM, 32 general purpose
I/O lines, 32 general purpose working registers, RTC, three
flexible timer/counters with compare modes, internal and
external interrupts, a programmable serial UART, 8-chan-
nel, 10-bit ADC, programmable Watchdog Timer with inter-
nal oscillator, an SPI serial port and three software
selectable power saving modes. The Idle mode stops the
CPU while allowing the SRAM, timer/counters, SPI port
and interrupt system to continue functioning. The Power
Down mode saves the register contents but freezes the
oscillator, disabling all other chip functions until the next
interrupt or hardware reset. In Power Save mode, the timer
oscillator continues to run, allowing the user to maintain a
timer base while the rest of the device is sleeping.
The device is manufactured using Atmel’s high density
non-volatile memory technology. The on-chip ISP Flash
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTERS
INSTRUCTION
DECODER
DATA DIR.
REG. PORTB
DATA DIR.
REG. PORTA
DATA DIR.
REG. PORTD
DATA DIR.
REG. PORTC
DATA REGISTER
PORTB
DATA REGISTER
PORTA
ANALOG MUX
ADC
DATA REGISTER
PORTD
DATA REGISTER
PORTC
PROGRAMMING
LOGIC
TIMING AND
CONTROL
OSCILLATOR
OSCILLATOR
INTERRUPT
UNIT
EEPROM
SPI
UART
STATUS
REGISTER
Z
Y
X
ALU
PORTB DRIVERS
PORTA DRIVERS
PORTD DRIVERS
PORTC DRIVERS
PB0 - PB7
PA0 - PA7
RESET
VCC
AVCC
AGND
AREF
GND
XTAL2
XTAL1
CONTROL
LINES
PD0 - PD7
PC0 - PC7
8-BIT DATA BUS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com