Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWSC21JCACS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CWSC21JCACS
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CWSC21JCACS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CWSC21JCACS Datasheet HTML 1Page - List of Unclassifed Manufacturers CWSC21JCACS Datasheet HTML 2Page - List of Unclassifed Manufacturers CWSC21JCACS Datasheet HTML 3Page - List of Unclassifed Manufacturers CWSC21JCACS Datasheet HTML 4Page - List of Unclassifed Manufacturers CWSC21JCACS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series CWSC
LED Miniature Power Rockers
www.nkk.com
B25
B
HOUSING
On Off (I O) symbols
are molded on the bezel.
Black Housing
with Snap-in Mounting
A
Solder Lug/
.110” (2.79mm) Quick Connect
S
TERMINALS
CAP TYPES & COLORS
Rocker
Cap/Diffuser
Caps are factory assembled and
are not available separately.
JC
JD
JF
Clear/Red
Clear/Amber
Clear/Green
Cap/Diffuser Colors Available
(3.2)
.126
(1.6)
.063
(7.1)
.280
(2.79)
.110
Thk = (0.5)
.020
LED SPECIFICATIONS & COLORS
F
D
C
The LED is factory assembled and not
available separately. LED circuit
is isolated and requires an external
power source. Polarity marks are
on the bottom of the switch.
The electrical specifications shown are
determined at a basic temperature of
25°C.
If the source voltage exceeds the rated
voltage, a ballast resistor is required.
The resistor value can be calculated by
using the formula in the Supplement.
Red
Amber
Green
Forward Peak Current
I
FM
30mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
1.95V
2.0V
2.1V
Reverse Peak Voltage
V
RM
5V
5V
5V
Current Reduction Rate
above 25°C
∆I
F
0.41mA/°C
0.29mA/°C
0.39mA/°C
Ambient Temperature Range
–10°C ~ +50°C
(+)
(-)
Colors:
POLE & CIRCUITS
Rocker Position
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Notes: Terminal numbers and polarity are
actually on the switch.
SP
CWSC11
ON
NONE
OFF
1-1a
OPEN
OPEN
SPST
DP
CWSC21
ON
NONE
OFF
1-1a 2-2a OPEN
OPEN
DPST
(+)
(-)
(+)
(-)
1
2
(COM)
1a
2a
1 (COM)
1a



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com