Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS8535-4AI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT90LS8535-4AI
Description  8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 2Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 3Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 4Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 5Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 6Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 7Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 8Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 9Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AT90S/LS4434 and AT90S/LS8535
9
Ordering Information
Power Supply
Speed (MHz)
Ordering Code
Package
Operation Range
2.7 - 6.0V
4
AT90LS4434-4AC
AT90LS4434-4JC
AT90LS4434-4PC
44A
44J
40P6
Commercial
(0
°C to 70°C)
AT90LS4434-4AI
AT90LS4434-4JI
AT90LS4434-4PI
44A
44J
40P6
Industrial
(-40
°C to 85°C)
4.0 - 6.0V
8
AT90S4434-8AC
AT90S4434-8JC
AT90S4434-8JC
44A
44J
40P6
Commercial
(0
°C to 70°C)
AT90S4434-8AI
AT90S4434-8JI
AT90S4434-8PI
44A
44J
40P6
Industrial
(-40
°C to 85°C)
2.7 - 6.0V
4
AT90LS8535-4AC
AT90LS8535-4JC
AT90LS8535-4PC
44A
44J
40P6
Commercial
(0
°C to 70°C)
AT90LS8535-4AI
AT90LS8535-4JI
AT90LS8535-4PI
44A
44J
40P6
Industrial
(-40
°C to 85°C)
4.0 - 6.0V
8
AT90S8535-8AC
AT90S8535-8JC
AT90S8535-8JC
44A
44J
40P6
Commercial
(0
°C to 70°C)
AT90S8535-8AI
AT90S8535-8JI
AT90S8535-8PI
44A
44J
40P6
Industrial
(-40
°C to 85°C)
Package Type
44A
44 Lead, Thin (1.0mm) Plastic Gull Wing Quad Flat Package (TQFP)
44J
44 Lead, Plastic J-Leaded Chip Carrier (PLCC)
40P6
40 Lead, 0.600" Wide, Plastic Dual in Line Package (PDIP)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com