Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGXL100EXX331MJC5S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EGXL100EXX331MJC5S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EGXL100EXX331MJC5S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EGXL100EXX331MJC5S Datasheet HTML 1Page - List of Unclassifed Manufacturers EGXL100EXX331MJC5S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Longer life, 125C
CAT. No. E1001K
?STANDARD RATINGS
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
120
0.40
0.50
0.60
1k
0.75
0.85
0.87
10k
0.90
0.94
0.95
100k
1.00
1.00
1.00
Capacitance(mF)
Frequency(Hz)
100
220 to 470
1,000
SS : Enter the appropriate lead forming or taping code.
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5C rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Impedance
(omax/20c, 100kHz)
Rated ripple current
(mArms/125c, 100kHz)
Part No.
10
330
10 B 12.5
0.17
800
EGXL100ESS331MJC5S
470
10 B 12.5
0.17
800
EGXL100ESS471MJC5S
1,000
10 B 20
0.094
1,300
EGXL100ESS102MJ20S
16
220
10 B 12.5
0.17
800
EGXL160ESS221MJC5S
330
10 B 12.5
0.17
800
EGXL160ESS331MJC5S
470
10 B 16
0.12
1,050
EGXL160ESS471MJ16S
25
220
10 B 12.5
0.17
800
EGXL250ESS221MJC5S
330
10 B 16
0.12
1,050
EGXL250ESS331MJ16S
470
10 B 20
0.094
1,300
EGXL250ESS471MJ20S
35
100
10 B 12.5
0.17
800
EGXL350ESS101MJC5S
220
10 B 16
0.12
1,050
EGXL350ESS221MJ16S
330
10 B 20
0.094
1,300
EGXL350ESS331MJ20S
50
100
10 B 12.5
0.30
590
EGXL500ESS101MJC5S
220
10 B 20
0.19
970
EGXL500ESS221MJ20S
(2/2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com