Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF20V8BQL Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATF20V8BQL
Description  High- Performance EE PLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8BQL Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATF20V8BQL Datasheet HTML 9Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 10Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 11Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 12Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 13Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 14Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 15Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 16Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ATF20V8B
16
10
7.5
7
ATF20V8BQ-10JC
ATF20V8BQ-10PC
ATF20V8BQ-10XC
28J
24P3
24X
Commercial
(0
°C to 70°C)
15
12
10
ATF20V8BQL-15JC
ATF20V8BQL-15PC
ATF20V8BQL-15SC
ATF20V8BQL-15XC
28J
24P3
24S
24X
Commercial
(0
°C to 70°C)
25
15
12
ATF20V8BQL-25JC
ATF20V8BQL-25PC
ATF20V8BQL-25SC
ATF20V8BQL-25XC
28J
24P3
24S
24X
Commercial
(0
°C to 70°C)
ATF20V8BQL-25JI
ATF20V8BQL-25PI
ATF20V8BQL-25SI
ATF20V8BQL-25XI
28J
24P3
24S
24X
Industrial
(-40
°C to 85°C)
Ordering Information
t
PD (ns)
t
S (ns)
t
CO (ns)
Ordering Code
Package
Operation Range
Package Type
28J
28-Lead, Plastic J-Leaded Chip Carrier (PLCC)
24P3
24-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
24S
24-Lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)
24X
24-Lead, 4.4 mm Wide, Plastic Thin Shrink Small Outline (TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com