Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4820PLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4820PLF
Description  Networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4820PLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4820PLF Datasheet HTML 1Page - Bourns Electronic Solutions 4820PLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 2
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION SHEET
No.
Construction
Element (subpart)
Homogeneous
Material
Material
weight [g]
Homogeneous
Material\
Substances
CASRN
if applicable
Materials
Mass %
Material
Mass % of
total unit wt.
Subpart
mass of total
wt. (%)
1
Ceramic substrate
alumina
0.126
Aluminum oxide
1344-28-1
100
30.53
30.53
2
Resistor/Conductor
Glass
Glass
0.00251
Silver
7440-22-4
67.98
0.41
0.61
Ruthenium dioxide
12036-10-1
2.96
0.02
Boron trioxide
1303-86-2
2.96
0.02
Aluminum oxide
1344-28-1
0.49
0.003
Lead monoxide
1317-36-8
15.76
0.097
Silicon dioxide
7631-86-9
8.37
0.051
Calcium oxide
1305-78-8
0.49
0.003
Chromium III oxide
1308-38-9
0.99
0.006
3
Terminal pins
Copper
0.01071
Copper
7440-50-8
100
2.59
2.59
4
Terminal finish
Plating
(Hot tin dip)
0.01715
Tin
7440-31-5
99.3
4.131
4.16
Copper
7440-50-8
0.7
0.0291
5
Internal lead attach
Solder
0.01014
Tin
7440-31-5
10
0.25
2.46
Lead
7439-92-1
88
2.16
Silver
7440-22-4
2
0.05
6
Body
Plastic
0.24621
Silica
14808-60-7
69
41.16
59.65
Epoxy resin
29690-82-2
10
5.97
Phenolic resin
9003-35-4
10
5.97
Antimony trioxide
1309-64-4
5
2.98
Brominated epoxy
40039-93-8
5
2.98
Carbon black
1333-86-4
1
0.59
Total weight
0.41276
Material Number
4820P LF Series
Product Line
Networks
Compliance Date
1-1-2005
RoHS Compliant
Yes
MSL
1


Similar Part No. - 4820PLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4820P BOURNS-4820P Datasheet
366Kb / 2P
Thick Film Surface Mounted Medium Body Tape and reel packaging standard
4820P BOURNS-4820P Datasheet
364Kb / 3P
4800P Series - Thick Film Surface Mounted Medium Body
4820P BOURNS-4820P Datasheet
364Kb / 3P
4800P Series - Thick Film Surface Mounted Medium Body
4820P BOURNS-4820P Datasheet
364Kb / 3P
4800P Series - Thick Film Surface Mounted Medium Body
4820P BOURNS-4820P Datasheet
374Kb / 3P
4800P Series - Thick Film Surface Mounted Medium Body
More results

Similar Description - 4820PLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4108R-LF BOURNS-4108R-LF Datasheet
68Kb / 1P
Networks
4108T-L BOURNS-4108T-L Datasheet
29Kb / 2P
Networks
4306M-LF BOURNS-4306M-LF Datasheet
66Kb / 1P
Networks
4308R-LF BOURNS-4308R-LF Datasheet
70Kb / 1P
Networks
4310M-LF BOURNS-4310M-LF Datasheet
66Kb / 1P
Networks
4310R-LF BOURNS-4310R-LF Datasheet
70Kb / 1P
Networks
4606H-LF BOURNS-4606H-LF Datasheet
67Kb / 1P
Networks
4606M-LF BOURNS-4606M-LF Datasheet
61Kb / 1P
Networks
4607H-LF BOURNS-4607H-LF Datasheet
61Kb / 1P
Networks
4609M-LF BOURNS-4609M-LF Datasheet
61Kb / 1P
Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com