Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23009TESO Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP23009TESO
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23009TESO Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP23009TESO Datasheet HTML 17Page - Microchip Technology MCP23009TESO Datasheet HTML 18Page - Microchip Technology MCP23009TESO Datasheet HTML 19Page - Microchip Technology MCP23009TESO Datasheet HTML 20Page - Microchip Technology MCP23009TESO Datasheet HTML 21Page - Microchip Technology MCP23009TESO Datasheet HTML 22Page - Microchip Technology MCP23009TESO Datasheet HTML 23Page - Microchip Technology MCP23009TESO Datasheet HTML 24Page - Microchip Technology MCP23009TESO Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
© 2009 Microchip Technology Inc.
DS22121B-page 21
MCP23009/MCP23S09
1.6.6
CONFIGURATION REGISTER
The Sequential Operation (SEQOP) controls the
incrementing function of the address pointer. If the
address pointer is disabled, the address pointer does
not automatically increment after each byte is clocked
during a serial transfer. This feature is useful when it is
desired to continuously poll (read) or modify (write) a
register.
The Open-Drain (ODR) control bit enables/disables the
INT pin for open-drain configuration.
The Interrupt Polarity (INTPOL) sets the polarity of the
INT pin. This bit is functional only when the ODR bit is
cleared, configuring the INT pin as active push-pull.
The Interrupt Clearing Control (INTCC) configures how
interrupts are cleared. When set (INTCC = 1), the
interrupt is cleared when the INTCAP register is read.
When cleared (INTCC = 0), the interrupt is cleared
when the GPIO register is read.
The interrupt can only be cleared when the interrupt
condition is inactive. Refer to Section 1.7.4 “Clearing
Interrupts” for details.
REGISTER 1-6:
IOCON – I/O EXPANDER CONFIGURATION REGISTER
U-0
U-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
-
-
SEQOP
-
-
ODR
INTPOL
INTCC
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Reads as 0
bit 6
Unimplemented: Reads as 0
bit 5
SEQOP: Sequential Operation mode bit.
1
= Sequential operation disabled, address pointer does not increment
0
= Sequential operation enabled, address pointer increments
bit 4
Unimplemented: Reads as 0
bit 3
Unimplemented: Reads as 0
bit 2
ODR: Configures the INT pin as an open-drain output.
1
= Open-drain output (overrides the INTPOL bit)
0
= Active driver output (INTPOL bit sets the polarity)
bit 1
INTPOL: Sets the polarity of the INT output pin.
1
= Active-high
0
= Active-low
bit 0
INTCC: Interrupt Clearing Control
1 = Reading INTCAP register clears the interrupt
0 = Reading GPIO register clears the interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com