Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23S09EMG Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP23S09EMG
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09EMG Datasheet(HTML) 1 Page - Microchip Technology

  MCP23S09EMG Datasheet HTML 1Page - Microchip Technology MCP23S09EMG Datasheet HTML 2Page - Microchip Technology MCP23S09EMG Datasheet HTML 3Page - Microchip Technology MCP23S09EMG Datasheet HTML 4Page - Microchip Technology MCP23S09EMG Datasheet HTML 5Page - Microchip Technology MCP23S09EMG Datasheet HTML 6Page - Microchip Technology MCP23S09EMG Datasheet HTML 7Page - Microchip Technology MCP23S09EMG Datasheet HTML 8Page - Microchip Technology MCP23S09EMG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
© 2009 Microchip Technology Inc.
DS22121B-page 1
MCP23009/MCP23S09
Features
• 8-bit remote bidirectional I/O port:
- I/O pins default to input
• Open-drain outputs:
-5.5V tolerant
- 25 mA sink capable (per pin)
- 200 mA total
• High-speed I2C™ interface: (MCP23009)
- 100 kHz
- 400 kHz
-3.4 MHz
• High-speed SPI interface: (MCP23S09)
-10 MHz
• Single hardware address pin: (MCP23009)
- Voltage input to allow up to eight devices on
the bus
• Configurable interrupt output pins:
- Configurable as active-high, active-low or
open-drain
• Configurable interrupt source:
- Interrupt-on-change from configured defaults
or pin change
• Polarity inversion register to configure the polarity
of the input port data
• External reset input
• Low standby current:
- 1 µA (-40°C
≤ TA ≤ +85°C)
- 6 µA (+85°C
≤ TA ≤ +125°C)
• Operating voltage:
- 1.8V to 5.5V
Packages
16-pin QFN (3x3 [mm])
18-pin PDIP (300 mil)
18-pin SOIC (300 mil)
20-pin SSOP
Block Diagram
GP0
GP1
GP2
GP3
GP4
GP5
GP6
GP7
I2C
Control
GPIO
SCL
SDA
RESET
INT
8
Configuration/
8
Control
Registers
SPI
SI
SO
SCK
CS
MCP23S09
ADDR
Serializer/
Deserializer
Multi-bit
Decode
MCP23009
8-Bit I/O Expander with Open-Drain Outputs


Similar Part No. - MCP23S09EMG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP23S09 MICROCHIP-MCP23S09 Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
MCP23S09-E/P MICROCHIP-MCP23S09-E/P Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
MCP23S09-E/SO MICROCHIP-MCP23S09-E/SO Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
MCP23S09-E/SS MICROCHIP-MCP23S09-E/SS Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
MCP23S09T MICROCHIP-MCP23S09T Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
More results

Similar Description - MCP23S09EMG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66009FP MITSUBISHI-M66009FP Datasheet
73Kb / 8P
8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
M66013FP MITSUBISHI-M66013FP Datasheet
33Kb / 2P
8-BIT I/O EXPANDER WITH ADDRESS
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321 Datasheet
664Kb / 17P
I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
logo
Microchip Technology
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
8-Bit I/O Expander with Serial Interface
2007
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
8-bit I/O Expander with Address
M66009FP RENESAS-M66009FP Datasheet
2Mb / 9P
8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
logo
Microchip Technology
MCP23018 MICROCHIP-MCP23018 Datasheet
783Kb / 56P
16-Bit I/O Expander with Open-Drain Outputs
2008
MCP23009 MICROCHIP-MCP23009 Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
Remote 8-Bit I/O Expander
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com