Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23S09EP Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP23S09EP
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09EP Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP23S09EP Datasheet HTML 3Page - Microchip Technology MCP23S09EP Datasheet HTML 4Page - Microchip Technology MCP23S09EP Datasheet HTML 5Page - Microchip Technology MCP23S09EP Datasheet HTML 6Page - Microchip Technology MCP23S09EP Datasheet HTML 7Page - Microchip Technology MCP23S09EP Datasheet HTML 8Page - Microchip Technology MCP23S09EP Datasheet HTML 9Page - Microchip Technology MCP23S09EP Datasheet HTML 10Page - Microchip Technology MCP23S09EP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
© 2009 Microchip Technology Inc.
DS22121B-page 7
MCP23009/MCP23S09
1.3.3
SPI INTERFACE
The MCP23S09 operates in Mode 0,0 and Mode 1,1.
The difference between the two modes is the idle state
of the clock.
Mode 0,0: The idle state of the clock is LOW. Input data
is latched on the rising edge of the clock; output data is
driven on the falling edge of the clock.
Mode 1,1: The idle state of the clock is HIGH. Input
data is latched on the rising edge of the clock; output
data is driven on the falling edge of the clock.
1.3.3.1
SPI Write Operation
The SPI write operation is started by lowering CS. The
write command (slave address with R/W bit cleared) is
then clocked into the device. The opcode is followed by
an address and at least one data byte.
1.3.3.2
SPI Read Operation
The SPI read operation is started by lowering CS. The
SPI read command (slave address with R/W bit set) is
then clocked into the device. The opcode is followed by
an address, with at least one data byte being clocked
out of the device.
1.3.3.3
SPI Sequential Write/Read
For sequential operations, instead of deselecting the
device by raising CS, the master clocks the next byte
pointed to by the address pointer. (see Section 1.3.1
“Byte Mode and Sequential Mode” for details
regarding sequential operation control).
The sequence ends by the raising of CS.
The MCP23S09 address pointer will roll over to
address zero after reaching the last register address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com