Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23S09ESO Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP23S09ESO
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09ESO Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP23S09ESO Datasheet HTML 26Page - Microchip Technology MCP23S09ESO Datasheet HTML 27Page - Microchip Technology MCP23S09ESO Datasheet HTML 28Page - Microchip Technology MCP23S09ESO Datasheet HTML 29Page - Microchip Technology MCP23S09ESO Datasheet HTML 30Page - Microchip Technology MCP23S09ESO Datasheet HTML 31Page - Microchip Technology MCP23S09ESO Datasheet HTML 32Page - Microchip Technology MCP23S09ESO Datasheet HTML 33Page - Microchip Technology MCP23S09ESO Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
MCP23009/MCP23S09
DS22121B-page 30
© 2009 Microchip Technology Inc.
2.1
DC CHARACTERISTICS
DC Characteristics
Operating Conditions (unless otherwise indicated):
1.8V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C
Param
No.
Characteristic
Sym
Min
Typ(2)
Max
Units
Conditions
D001
Supply Voltage
VDD
1.8
—
5.5
V
D002
VDD Start Voltage to
Ensure Power-on
Reset
VPOR
—VSS
—V
D003
VDD Rise Rate to
Ensure Power-on
Reset
SVDD
0.05
—
—
V/ms
Design guidance only.
Not tested.
D004
Supply Current
IDD
—
—
1
mA
SCL/SCK = 1 MHz
D005
Standby (Idle) current
IDDS
—
—
1
µA
–40°C
≤ TA ≤ +85°C
——
6
µA
+85°C
≤ TA ≤ +125°C
Input Low-Voltage
D031
CS, GPIO, SCL/SCK,
SDA, SI, RESET
VIL
VSS
—0.2 VDD
V
Input High-Voltage
D041
CS, SCL/SCK, SDA,
SI, RESET
VIH
0.8 VDD
—VDD
V
GPIO
VIH
0.8 VDD
—5.5
V
Input Leakage Current
D060
I/O port pins
IIL
——
±1
µA
VSS
≤ VPIN ≤ VDD,
Output Leakage Current
D065
I/O port pins
ILO
——
±1
µA
VSS
≤ VPIN ≤ VDD,
D070
GPIO internal pull-up
current
IPU
—220
—
µA
VDD = 5V, GP Pins = VSS
Note 1
Output Low-Voltage
D080
GPIO
VOL
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V
(open-drain)
INT
—
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V
SO, SDA
—
—
0.6
V
IOL = 3.0 mA, VDD = 1.8V
SDA
—
—
0.8
V
IOL = 3.0 mA, VDD = 4.5V
Output High-Voltage
D090
INT, SO
VOH
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V
VDD – 0.7
—
—
IOH = -400 µA, VDD = 1.8V
Capacitive Loading Specs on Output Pins
D101
GPIO, SO, INT
CIO
—
—
50
pF
D102
SDA
CB
——
400
pF
Note 1:
This parameter is characterized, not 100% tested.
2:
Data in the Typical (“Typ”) column is at 5V, +25
°C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com