Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23S09ESS Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP23S09ESS
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09ESS Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP23S09ESS Datasheet HTML 18Page - Microchip Technology MCP23S09ESS Datasheet HTML 19Page - Microchip Technology MCP23S09ESS Datasheet HTML 20Page - Microchip Technology MCP23S09ESS Datasheet HTML 21Page - Microchip Technology MCP23S09ESS Datasheet HTML 22Page - Microchip Technology MCP23S09ESS Datasheet HTML 23Page - Microchip Technology MCP23S09ESS Datasheet HTML 24Page - Microchip Technology MCP23S09ESS Datasheet HTML 25Page - Microchip Technology MCP23S09ESS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
MCP23009/MCP23S09
DS22121B-page 22
© 2009 Microchip Technology Inc.
1.6.7
PULL-UP RESISTOR
CONFIGURATION REGISTER
The GPPU register controls the pull-up resistors for the
port pins. If a bit is set the corresponding port pin is
internally pulled up with an internal resistor.
FIGURE 1-10:
TYPICAL PERFORMANCE CURVE FOR THE INTERNAL PULL-UP RESISTORS
REGISTER 1-7:
GPPU – GPIO PULL-UP RESISTOR REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PU0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
PU7:PU0: Controls the internal pull-up resistors on each pin (when configured as an input or output)
<7:0>.
1
= Pull-up enabled
0
= Pull-up disabled
GPIO Pin Internal Pull-up Current vs VDD
0
50
100
150
200
250
300
350
400
1.52
2.533.5
4
4.5
55.5
VDD (V)
T = -40°C
T = +25°C
T = +125°C
T = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com