Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23S09TESS Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP23S09TESS
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09TESS Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP23S09TESS Datasheet HTML 8Page - Microchip Technology MCP23S09TESS Datasheet HTML 9Page - Microchip Technology MCP23S09TESS Datasheet HTML 10Page - Microchip Technology MCP23S09TESS Datasheet HTML 11Page - Microchip Technology MCP23S09TESS Datasheet HTML 12Page - Microchip Technology MCP23S09TESS Datasheet HTML 13Page - Microchip Technology MCP23S09TESS Datasheet HTML 14Page - Microchip Technology MCP23S09TESS Datasheet HTML 15Page - Microchip Technology MCP23S09TESS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
MCP23009/MCP23S09
DS22121B-page 12
© 2009 Microchip Technology Inc.
FIGURE 1-5:
HARDWARE ADDRESS DECODE TIMING
1.4.2
ADDRESSING I2C DEVICES
(MCP23009)
The MCP23009 is a slave I2C device that supports 7-
bit slave addressing, with the read/write bit filling out
the control byte. The slave address contains four fixed
bits and three user-defined hardware address bits
(configured via ADDR pin). Figure 1-6 shows the
control byte format.
1.4.3
ADDRESSING SPI DEVICES
(MCP23S09)
The MCP23S09 is a slave SPI device. The slave
address contains seven fixed bits(no address bits) with
the read/write bit filling out the control byte. Figure 1-7
shows the control byte format.
FIGURE 1-6:
I2C™ CONTROL BYTE
FORMAT
FIGURE 1-7:
SPI CONTROL BYTE
FORMAT
VDD
adc_en
i2c_addr[2:0]
i2c_clk
tADEN
tADDRLAT
tADDIS
S
0
1
0
0
A2A1A0 R/W ACK
Start
bit
Slave Address
R/W bit
ACK bit
Control Byte
R/W = 0 = write
R/W = 1 = read
0
10000
0
R/W
Slave Address
R/W bit
Control Byte
R/W = 0 = write
R/W = 1 = read
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com