Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF2500C Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATF2500C Datasheet HTML 9Page - ATMEL Corporation ATF2500C Datasheet HTML 10Page - ATMEL Corporation ATF2500C Datasheet HTML 11Page - ATMEL Corporation ATF2500C Datasheet HTML 12Page - ATMEL Corporation ATF2500C Datasheet HTML 13Page - ATMEL Corporation ATF2500C Datasheet HTML 14Page - ATMEL Corporation ATF2500C Datasheet HTML 15Page - ATMEL Corporation ATF2500C Datasheet HTML 16Page - ATMEL Corporation ATF2500C Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
ATF2500C
0777I–PLD–4/03
ATF2500C IV Data 44PLCC
ATF2500C OUTPUT SOURCE CURRENT VS.
SUPPLY VOLTAGE (VOH = 2.4V, TA = 25°C)
-40
-30
-20
-10
4.50
4.75
5.00
5.25
5.50
SUPPLY VOLTAGE (V)
AT F2500C OUTP UT SIN K CU RR EN T VS.
SU PPLY V OLTA GE (V OL = 0.5V, TA = 25°C )
10
11
12
13
14
15
4.50
4.75
5.00
5.25
5.50
SUPPLY VOLTAGE (V)
ATF2500C OUTPUT SOURCE CURRENT VS.
OUTPUT VOLTAGE (VCC = 5.0V, TA = 25°C)
-40.0
-30.0
-20.0
-10.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V)
ATF2500C OUTPUT SINK CURRENT VS.
OUTPUT VOLTAGE (VCC = 5.0V, TA = 25°C)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V)
STAND-BY ICC VS. TEMPERATURE (VCC = 5.0V)
50.0
60.0
70.0
80.0
90.0
100.0
-40.0
25.0
85.0
TEMPERATURE (°C)
STAND-BY ICC VS.
SUPPLY VOLTAGE (TA = 25°C)
50.0
60.0
70.0
80.0
90.0
100.0
4.5
4.8
5.0
5.3
5.5
SUPPLY VOLTAGE (V)
ATF2500C INPUT CLAMP CURRENT VS.
INPUT VOLTAGE (V
CC = 5.0V, TA = 25°C)
-200
-150
-100
-50
0
50
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
INPUT VOLTAGE (V)
ATF 2500C IN P U T CU RR E N T VS .
IN PU T V OL TA GE (V CC = 5.0V, TA = 25°C )
-30
-20
-10
0
10
20
30
40
0. 0
0.5
1.0
1.5
2.0
2. 5
3.0
3.5
4.0
4.5
5.0
INP UT VOL TAG E (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com