Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LP Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16C54-LP
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LP Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16C54-LP Datasheet HTML 17Page - Microchip Technology PIC16C54-LP Datasheet HTML 18Page - Microchip Technology PIC16C54-LP Datasheet HTML 19Page - Microchip Technology PIC16C54-LP Datasheet HTML 20Page - Microchip Technology PIC16C54-LP Datasheet HTML 21Page - Microchip Technology PIC16C54-LP Datasheet HTML 22Page - Microchip Technology PIC16C54-LP Datasheet HTML 23Page - Microchip Technology PIC16C54-LP Datasheet HTML 24Page - Microchip Technology PIC16C54-LP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 194 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS30453D-page 19
PIC16C5X
5.0
RESET
PIC16C5X devices may be RESET in one of the follow-
ing ways:
• Power-On Reset (POR)
•MCLR Reset (normal operation)
•MCLR Wake-up Reset (from SLEEP)
• WDT Reset (normal operation)
• WDT Wake-up Reset (from SLEEP)
Table 5-1 shows these RESET conditions for the PCL
and STATUS registers.
Some registers are not affected in any RESET condi-
tion. Their status is unknown on POR and unchanged
in any other RESET. Most other registers are reset to a
“RESET state” on Power-On Reset (POR), MCLR or
WDT Reset. A MCLR or WDT wake-up from SLEEP
also results in a device RESET, and not a continuation
of operation before SLEEP.
The TO and PD bits (STATUS <4:3>) are set or cleared
depending on the different RESET conditions (Table 5-
1). These bits may be used to determine the nature of
the RESET.
Table 5-3 lists a full description of RESET states of all
registers. Figure 5-1 shows a simplified block diagram
of the On-chip Reset circuit.
TABLE 5-1:
STATUS BITS AND THEIR SIGNIFICANCE
TABLE 5-2:
SUMMARY OF REGISTERS ASSOCIATED WITH RESET
Condition
TO
PD
Power-On Reset
11
MCLR Reset (normal operation)
uu
MCLR Wake-up (from SLEEP)
10
WDT Reset (normal operation)
01
WDT Wake-up (from SLEEP)
00
Legend:
u
= unchanged, x = unknown, — = unimplemented read as ’0’.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
MCLR and
WDT Reset
03h
STATUS
PA2
PA1
PA0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
Legend:
u = unchanged, x = unknown, q = see Table 5-1 for possible values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com