Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA128L Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATMEGA128L
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128L Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATMEGA128L Datasheet HTML 8Page - ATMEL Corporation ATMEGA128L Datasheet HTML 9Page - ATMEL Corporation ATMEGA128L Datasheet HTML 10Page - ATMEL Corporation ATMEGA128L Datasheet HTML 11Page - ATMEL Corporation ATMEGA128L Datasheet HTML 12Page - ATMEL Corporation ATMEGA128L Datasheet HTML 13Page - ATMEL Corporation ATMEGA128L Datasheet HTML 14Page - ATMEL Corporation ATMEGA128L Datasheet HTML 15Page - ATMEL Corporation ATMEGA128L Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
2467XS–AVR–06/11
ATmega128
SEI
; set global interrupt enable
4.
Stabilizing time needed when changing OSCCAL Register
After increasing the source clock frequency more than 2% with settings in the OSCCAL reg-
ister, the device may execute some of the subsequent instructions incorrectly.
Problem Fix / Workaround
The behavior follows errata number 3., and the same Fix / Workaround is applicable on this
errata.
5.
IDCODE masks data from TDI input
The JTAG instruction IDCODE is not working correctly. Data to succeeding devices are
replaced by all-ones during Update-DR.
Problem Fix / Workaround
–
If ATmega128 is the only device in the scan chain, the problem is not visible.
–
Select the Device ID Register of the ATmega128 by issuing the IDCODE instruction
or by entering the Test-Logic-Reset state of the TAP controller to read out the
contents of its Device ID Register and possibly data from succeeding devices of the
scan chain. Issue the BYPASS instruction to the ATmega128 while reading the
Device ID Registers of preceding devices of the boundary scan chain.
–
If the Device IDs of all devices in the boundary scan chain must be captured
simultaneously, the ATmega128 must be the fist device in the chain.
6.
Reading EEPROM by using ST or STS to set EERE bit triggers unexpected interrupt
request.
Reading EEPROM by using the ST or STS command to set the EERE bit in the EECR reg-
ister triggers an unexpected EEPROM interrupt request.
Problem Fix / Workaround
Always use OUT or SBI to set EERE in EECR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com