Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I2CTRN Datasheet(PDF) 4 Page - Microchip Technology

Part # I2CTRN
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CTRN Datasheet(HTML) 4 Page - Microchip Technology

  I2CTRN Datasheet HTML 1Page - Microchip Technology I2CTRN Datasheet HTML 2Page - Microchip Technology I2CTRN Datasheet HTML 3Page - Microchip Technology I2CTRN Datasheet HTML 4Page - Microchip Technology I2CTRN Datasheet HTML 5Page - Microchip Technology I2CTRN Datasheet HTML 6Page - Microchip Technology I2CTRN Datasheet HTML 7Page - Microchip Technology I2CTRN Datasheet HTML 8Page - Microchip Technology I2CTRN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 210 page
background image
dsPIC30F2011/2012/3012/3013
DS70139G-page 4
© 2010 Microchip Technology Inc.
dsPIC30F2011/2012/3012/3013 Sensor Family
Pin Diagrams
Device
Pins
Program Memory
SRAM
Bytes
EEPROM
Bytes
Timer
16-bit
Input
Cap
Output
Comp/Std
PWM
A/D 12-bit
200 Ksps
Bytes
Instructions
dsPIC30F2011
18
12K
4K
1024
–
3
2
2
8 ch
1
1
1
dsPIC30F3012
18
24K
8K
2048
1024
3
2
2
8 ch
1
1
1
dsPIC30F2012
28
12K
4K
1024
–
3
2
2
10 ch
1
1
1
dsPIC30F3013
28
24K
8K
2048
1024
3
2
2
10 ch
2
1
1
EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13
EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14
OSC1/CLKI
VDD
OSC2/CLKO/RC15
PGD/EMUD/AN4/U1TX/SDO1/SCL/CN6/RB4
AVDD
PGC/EMUC/AN5/U1RX/SDI1/SDA/CN7/RB5
EMUD2/AN7/OC2/IC2/INT2/RB7
EMUD3/AN0/VREF+/CN2/RB0
VSS
AN6/SCK1/INT0/OCFA/RB6
AVSS
EMUC3/AN1/VREF-/CN3/RB1
AN2/SS1/LVDIN/CN4/RB2
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
EMUC2/OC1/IC1/INT1/RD0
18-Pin PDIP and SOIC
AN3/CN5/RB3
MCLR
28-Pin PDIP and SOIC
MCLR
VSS
VDD
EMUD3/AN0/VREF+/CN2/RB0
EMUC3/AN1/VREF-/CN3/RB1
AVDD
AVSS
AN2/SS1/LVDIN/CN4/RB2
IC2/INT2/RD9
EMUC2/IC1/INT1/RD8
EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14
EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13
VSS
OSC2/CLKO/RC15
OSC1/CLKI
VDD
SCK1/INT0/RF6
PGC/EMUC/U1RX/SDI1/SDA/RF2
PGD/EMUD/U1TX/SDO1/SCL/RF3
AN5/CN7/RB5
AN4/CN6/RB4
AN3/CN5/RB3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AN6/OCFA/RB6
EMUD2/AN7/RB7
AN8/OC1/RB8
AN9/OC2/RB9
CN17/RF4
CN18/RF5
MCLR
VSS
VDD
EMUD3/AN0/VREF+/CN2/RB0
EMUC3/AN1/VREF-/CN3/RB1
AVDD
AVSS
AN2/SS1/LVDIN/CN4/RB2
IC2/INT2/RD9
EMUC2/IC1/INT1/RD8
EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14
EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13
VSS
OSC2/CLKO/RC15
OSC1/CLKI
VDD
SCK1/INT0/RF6
PGC/EMUC/U1RX/SDI1/SDA/RF2
PGD/EMUD/U1TX/SDO1/SCL/RF3
AN5/CN7/RB5
AN4/CN6/RB4
AN3/CN5/RB3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AN6/OCFA/RB6
EMUD2/AN7/RB7
AN8/OC1/RB8
AN9/OC2/RB9
U2RX/CN17/RF4
U2TX/CN18/RF5
28-Pin SPDIP and SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com