Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I2CCON Datasheet(PDF) 22 Page - Microchip Technology

Part # I2CCON
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CCON Datasheet(HTML) 22 Page - Microchip Technology

Back Button I2CCON Datasheet HTML 18Page - Microchip Technology I2CCON Datasheet HTML 19Page - Microchip Technology I2CCON Datasheet HTML 20Page - Microchip Technology I2CCON Datasheet HTML 21Page - Microchip Technology I2CCON Datasheet HTML 22Page - Microchip Technology I2CCON Datasheet HTML 23Page - Microchip Technology I2CCON Datasheet HTML 24Page - Microchip Technology I2CCON Datasheet HTML 25Page - Microchip Technology I2CCON Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 210 page
background image
dsPIC30F2011/2012/3012/3013
DS70139G-page 22
© 2010 Microchip Technology Inc.
2.3
Divide Support
The dsPIC DSC devices feature a 16/16-bit signed
fractional divide operation, as well as 32/16-bit and
16/16-bit signed and unsigned integer divide opera-
tions, in the form of single instruction iterative divides.
The
following
instructions
and
data
sizes
are
supported:
1.
DIVF
- 16/16 signed fractional divide
2.
DIV.sd
- 32/16 signed divide
3.
DIV.ud
- 32/16 unsigned divide
4.
DIV.s
- 16/16 signed divide
5.
DIV.u
- 16/16 unsigned divide
The 16/16 divides are similar to the 32/16 (same number
of iterations), but the dividend is either zero-extended or
sign-extended during the first iteration.
The divide instructions must be executed within a
REPEAT
loop.
Any
other
form
of
execution
(e.g., a series of discrete divide instructions) will not
function correctly because the instruction flow depends
on
RCOUNT.
The
divide
instruction
does
not
automatically set up the RCOUNT value and it must,
therefore, be explicitly and correctly specified in the
REPEAT
instruction, as shown in Table 2-1 (REPEAT
executes the target instruction {operand value+1}
times). The REPEAT loop count must be setup for 18
iterations of the DIV/DIVF instruction. Thus, a
complete divide operation requires 19 cycles.
TABLE 2-1:
DIVIDE INSTRUCTIONS
Note:
The divide flow is interruptible; however,
the user needs to save the context as
appropriate.
Instruction
Function
DIVF
Signed fractional divide: Wm/Wn
→W0; Rem →W1
DIV.sd
Signed divide: (Wm+1:Wm)/Wn
→W0; Rem →W1
DIV.s
Signed divide: Wm/Wn
→W0; Rem →W1
DIV.ud
Unsigned divide: (Wm+1:Wm)/Wn
→W0; Rem →W1
DIV.u
Unsigned divide: Wm/Wn
→W0; Rem →W1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com