Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I2CCON Datasheet(PDF) 124 Page - Microchip Technology

Part # I2CCON
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CCON Datasheet(HTML) 124 Page - Microchip Technology

Back Button I2CCON Datasheet HTML 120Page - Microchip Technology I2CCON Datasheet HTML 121Page - Microchip Technology I2CCON Datasheet HTML 122Page - Microchip Technology I2CCON Datasheet HTML 123Page - Microchip Technology I2CCON Datasheet HTML 124Page - Microchip Technology I2CCON Datasheet HTML 125Page - Microchip Technology I2CCON Datasheet HTML 126Page - Microchip Technology I2CCON Datasheet HTML 127Page - Microchip Technology I2CCON Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 210 page
background image
dsPIC30F2011/2012/3012/3013
DS70139G-page 124
© 2010 Microchip Technology Inc.
TABLE 17-1:
OSCILLATOR OPERATING MODES
Oscillator Mode
Description
XTL
XT
XT w/PLL 4x
XT w/PLL 8x
XT w/PLL 16x
LP
HS
200 kHz-4 MHz crystal on OSC1:OSC2.
4 MHz-10 MHz crystal on OSC1:OSC2.
4 MHz-10 MHz crystal on OSC1:OSC2, 4x PLL enabled.
4 MHz-10 MHz crystal on OSC1:OSC2, 8x PLL enabled.
4 MHz-7.5 MHz crystal on OSC1:OSC2, 16x PLL enabled(1).
32 kHz crystal on SOSCO:SOSCI(2).
10 MHz-25 MHz crystal.
HS/2 w/PLL 4x
HS/2 w/PLL 8x
HS/2 w/PLL 16x
10 MHz-20 MHz crystal, divide by 2, 4x PLL enabled.
10 MHz-20 MHz crystal, divide by 2, 8x PLL enabled.
10 MHz-15 MHz crystal, divide by 2, 16x PLL enabled(1).
HS/3 w/PLL 4x
HS/3 w/PLL 8x
HS/3 w/PLL 16x
12 MHz-25 MHz crystal, divide by 3, 4x PLL enabled.
12 MHz-25 MHz crystal, divide by 3, 8x PLL enabled.
12 MHz-22.5 MHz crystal, divide by 3, 16x PLL enabled(1).
EC
ECIO
EC w/PLL 4x
EC w/PLL 8x
EC w/PLL 16x
ERC
ERCIO
External clock input (0-40 MHz).
External clock input (0-40 MHz), OSC2 pin is I/O.
External clock input (4-10 MHz), OSC2 pin is I/O, 4x PLL enabled.
External clock input (4-10 MHz), OSC2 pin is I/O, 8x PLL enabled.
External clock input (4-7.5 MHz), OSC2 pin is I/O, 16x PLL enabled(1).
External RC oscillator, OSC2 pin is FOSC/4 output(3).
External RC oscillator, OSC2 pin is I/O(3).
FRC
FRC w/PLL 4x
FRC w/PLL 8x
FRC w/PLL 16x
7.37 MHz internal RC oscillator.
7.37 MHz Internal RC oscillator, 4x PLL enabled.
7.37 MHz Internal RC oscillator, 8x PLL enabled.
7.37 MHz Internal RC oscillator, 16x PLL enabled.
LPRC
512 kHz internal RC oscillator.
Note 1:
dsPIC30F maximum operating frequency of 120 MHz must be met.
2:
LP oscillator can be conveniently shared as system clock, as well as real-time clock for Timer1.
3:
Requires external R and C. Frequency operation up to 4 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com