Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA161L Datasheet(PDF) 89 Page - ATMEL Corporation

Part # ATMEGA161L
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161L Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button ATMEGA161L Datasheet HTML 85Page - ATMEL Corporation ATMEGA161L Datasheet HTML 86Page - ATMEL Corporation ATMEGA161L Datasheet HTML 87Page - ATMEL Corporation ATMEGA161L Datasheet HTML 88Page - ATMEL Corporation ATMEGA161L Datasheet HTML 89Page - ATMEL Corporation ATMEGA161L Datasheet HTML 90Page - ATMEL Corporation ATMEGA161L Datasheet HTML 91Page - ATMEL Corporation ATMEGA161L Datasheet HTML 92Page - ATMEL Corporation ATMEGA161L Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 134 page
background image
ATmega161(L)
89
Figure 66. Port D Schematic Diagram (Pin PD1)
Figure 67. Port D Schematic Diagram (Pins PD2 and PD3)
D
D
Q
Q
RESET
RESET
C
C
WD
WP
RD
RP
RL
MOS
PULL-
UP
PD1
R
R
WP:
WD:
RL:
RP:
RD:
TXD0:
TXEN0:
WRITE PORTD
WRITE DDRD
READ PORTD LATCH
READ PORTD PIN
READ DDRD
UART0 TRANSMIT DATA
UART0 TRANSMIT ENABLE
DDD1
PORTD1
TXEN0
TXD0
WP:
WD:
RL:
RP:
RD:
n:
m:
WRITE PORTD
WRITE DDRD
READ PORTD LATCH
READ PORTD PIN
READ DDRD
2, 3
0, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com