Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ1WOC211 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CJ1WOC211
Description  Reference Information
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1WOC211 Datasheet(HTML) 2 Page - Omron Electronics LLC

  CJ1WOC211 Datasheet HTML 1Page - Omron Electronics LLC CJ1WOC211 Datasheet HTML 2Page - Omron Electronics LLC CJ1WOC211 Datasheet HTML 3Page - Omron Electronics LLC CJ1WOC211 Datasheet HTML 4Page - Omron Electronics LLC CJ1WOC211 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Reference Information
B-132 Programmable Controller
CJ1
Dimensions
Note: All dimensions are shown in mm. Divide by 25.4 to convert millimeters into inches.
J Units of Width 20 mm
Unit
Model number
Width
I/O Control Module
CJ1W-IC101
20
32Basic-point I/O Modules
CJ1W-ID231/232
p
/
CJ1W-OD231/232
B7A Interface Unit
CJ1W-B7A22
CJ1W-B7A14
CJ1W-B7A04
CompoBus/S Master Module
CJ1W-SRM21
I/O Control Unit
32-point I/O Units (CJ1W-ID23j/OD23j)
Units of Width 31 mm
Unit
Model number
Width
I/O Interface Module
CJ1W-II101
31
8/16-point Basic I/O
Modules
CJ1W-ID201
CJ1W-ID211
CJ1W-IA111/201
CJ1W-OD201/202/203/204
CJ1W-OD211/212
CJ1W-OC201/211
CJ1W-OA201
32-point Basic I/O
Modules
CJ1W-MD231
CJ1W MD232
Modules
CJ1W-MD232
CJ1W-MD233
64-point Basic I/O
Modules
CJ1W-ID261
CJ1W-ID262
CJ1W-OD261
CJ1W-OD262
CD1W-MD262
CJ1W-OD263
CD1W-MD261
CD1W-MD263
CD1W-MD563
Interrupt Input Module
CJ1W-INT01
High Speed Input Module
CJ1W-IDP01
Analog I/O Module
CJ1W-ADjjj
CJ1W-DAjjj
CJ1W-MAD42
Temperature Control Units
CJ1W-TCjjj
Position Control Units
CJ1W-NC113/133
CJ1W-NC213/233
CJ1W-NC413/433
High-speed Counter Unit
CJ1W-CT021
ID Sensor Unit
CJ1W-V600C11
CJ1W-V600C12
Controller Link Module
CJ1W-CLK21-V1
Serial Communications Unit CJ1W-SCU41
Ethernet Module
CJ1W-ETN21
DeviceNet Module
CJ1W-DRM21
ProfiBus-DP Slave
CJ1W-PRT21
ProfiBus-DP Master
CJ1W-PRM21



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com