Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0096BA02438S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0096BA02438S
Description  96 MHz SAW Filter 5 MHz bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0096BA02438S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0096BA02438S Datasheet HTML 1Page - API Technologies Corp SF0096BA02438S Datasheet HTML 2Page - API Technologies Corp SF0096BA02438S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
96 MHz SAW Filter
5 MHz bandwidth
Part Number SF0096BA02438S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0096BA02438S Rev B 22-Feb-2010
ECN 36650 Page 2 of 3
SPECIFICATION
Parameter
1
Min
Typ
Max
Units
Center Frequency (Fc)
3
95.9
96.0
96.1
MHz
Minimum Insertion Loss
-
13.5
15
dB
1 dB Bandwidth
5.00
5.38
-
MHz
15 dB Bandwidth
-
7.48
8.00
MHz
Passband Variation (Fc +/- 1.92 MHz)
-
0.5
0.8
dB p-p
Phase Linearity (Fc +/- 1.92 MHz)
-
2.4
5.0
deg p-p
Group Delay Variation (Fc +/- 1.92 MHz)
2
-
35
80
ns p-p
Absolute Delay
-
1.23
3
us
Change in Absolute Delay (from unit to unit)
-10
0
10
ns
Absolute Delay Variation (from -40˚C to 55˚C)
-
5
15
ns
Input Return Loss (Fc+/-1.92 MHz)
10
13
-
dB
Output Return Loss (Fc+/-1.92 MHz)
10
13
-
dB
Rejection (40 to 87 MHz)
43
48
-
dB
Rejection (105 to 150 MHz)
43
48
-
dB
Source and Load Impedance
-
50
-
Ω
Ambient Temperature
-
25
-
°C
Notes:
1. All dB levels are referenced to the insertion loss
2. A smoothing aperture of 0.125 MHz may be applied to this measurement.
3. Average of lower and upper 3 dB frequencies; applies at 23
°C only.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-40
55
˚C
Input Power Level
-
13
dBm
MATCHING CIRCUIT
Typical component values:
Ls1 = 91 nH
Ls2 = 150 nH
(Minimum inductor Q = 40)
Lp1 = 39 nH
Lp2 = 47 nH
Rp1 = 4.7 KΩ
Rp2 = 1.8 KΩ
Notes
•
Suggest the use of 2% tolerance matching components.
•
Tuning values shown are for reference only. Optimum values may change depending upon board layout.
Input
50
Ω
Single ended
Output
50
Ω
Single ended



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com