Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRSF3232CPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TRSF3232CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRSF3232CPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRSF3232CPWR Datasheet HTML 3Page - Texas Instruments TRSF3232CPWR Datasheet HTML 4Page - Texas Instruments TRSF3232CPWR Datasheet HTML 5Page - Texas Instruments TRSF3232CPWR Datasheet HTML 6Page - Texas Instruments TRSF3232CPWR Datasheet HTML 7Page - Texas Instruments TRSF3232CPWR Datasheet HTML 8Page - Texas Instruments TRSF3232CPWR Datasheet HTML 9Page - Texas Instruments TRSF3232CPWR Datasheet HTML 10Page - Texas Instruments TRSF3232CPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
APPLICATION INFORMATION
11
10
8
1
2
3
4
7
ROUT2
DIN2
9
RIN1
16
13
12
15
14
DIN1
5
6
+
−
C3
VCC
C2+
C1
C2
C1+
GND
C1−
ROUT1
C2−
+
−
CBYPASS = 0.1 µF
V+
+
−
+
−
RIN2
C4
+
−
VCC
C1
C2, C3, C4
3.3 V
± 0.3 V
5 V
± 0.5 V
3 V to 5.5 V
0.1
µF
0.047
µF
0.1
µF
0.1
µF
0.33
µF
0.47
µF
VCC vs CAPACITOR VALUES
DOUT1
DOUT2
† C3 can be connected to VCC or GND.
†
V−
5 k
Ω
5 k
Ω
TRSF3232
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE
LINE DRIVER/RECEIVER
SLLS858 – AUGUST 2007
Figure 4. Typical Operating Circuit and Capacitor Values
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com