Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0077BA02499S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0077BA02499S
Description  76.8 MHz SAW Filter 20 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0077BA02499S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0077BA02499S Datasheet HTML 1Page - API Technologies Corp SF0077BA02499S Datasheet HTML 2Page - API Technologies Corp SF0077BA02499S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
76.8 MHz SAW Filter
20 MHz Bandwidth
Part Number SF0077BA02499S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0077BA02499S
Rev A
18-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
-
76.8
-
MHz
Insertion Loss (@ Fc)
-
16.2
20
dB
Amplitude Ripple
2
-
0.3
1
dB p-p
Amplitude Ripple in any 3.84 MHz band
2
-
0.2
0.6
dB p-p
Lower 1 dB Frequency
-
63.5
66.8
MHz
Upper 1 dB Frequency
86.8
89.3
-
MHz
Phase Linearity
-
1.3
5
deg p-p
Group Delay Variation
2
-
20
100
ns p-p
Group Delay Variation in any 3.84 MHz band
2
-
20
70
ns p-p
Absolute Delay
-
1.0
1.2
us
Rejection (5 to 7 MHz)
3
40
49
-
dB
Rejection (7 to 26 MHz)
3
45
53
-
dB
Rejection (35 to 57 MHz)
3
40
50
-
dB
Rejection (97 to 118 MHz)
3
40
45
-
dB
Rejection (128 to 149 MHz)
3
45
50
-
dB
Source and Load Impedance
50
ohms
Temperature Coefficient of Frequency
-94
ppm/˚C
Ambient Temperature
-
25
-
˚C
Notes:
1. Fixed reference frequency. All bandwidths are centered at this frequency.
2. Defined over 76.8+/-10 MHz.
3. Dependent upon PC board layout.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating temperature Range
-40
85
˚C
Input Power Level
-
13
dBm
MATCHING CIRCUIT
Typical Component values:
Ls1 = 150 nH
Ls2 = 100 nH
Cp2 = 41 pF
Notes:
•
Recommend 5% or better tolerance matching components. Typical inductor Q=45.
•
Optimum values may change depending on board layout. Values shown are intended as a guide only.
Input
50
Ω
Single ended
Output
50
Ω
Single ended
11
5
12
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com