Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0073BA02447S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0073BA02447S
Description  72.8 MHz SAW Filter 1 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0073BA02447S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0073BA02447S Datasheet HTML 1Page - API Technologies Corp SF0073BA02447S Datasheet HTML 2Page - API Technologies Corp SF0073BA02447S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
72.8 MHz SAW Filter
1 MHz Bandwidth
Part Number SF0073BA02447S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0073BA02447S Rev A
18-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency FC
1
72.68
72.80
72.92
MHz
Minimum Insertion Loss
-
6.5
10
dB
1 dB Bandwidth
2
-
0.71
-
MHz
3 dB bandwidth
2
1.00
1.24
-
MHz
Lower 35 dB Band Edge
2
70.80
70.99
-
MHz
Upper 35 dB Band Edge
2
-
74.56
74.80
MHz
Group Delay Variation
-
80
150
ns p-p
Absolute Delay
-
0.75
-
us
Rejection (30 to Fc-3 MHz)
40
42
-
dB
Rejection (Fc+3 to 140 MHz)
35
38
-
dB
Temperature Coefficient
-
-23
-
ppm/˚C
Substrate Material
112 LiTaO3
Ambient Temperature
-
25
-
˚C
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies.
2. All dB levels are defined relative to the insertion loss.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-40
70
˚C
Input Power Level
-
10
dBm
MATCHING CIRCUIT
Typical component values:
(Minimum inductor Q = 45)
Notes:
1. Recommend the use of
+/-2% tolerance components.
2. Component values shown are for guidance only and may change depending on board layout.
Ls1
=
390
nH
Ls2 =
470
nH
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
10
4
12
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com