Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2152FS Datasheet(PDF) 13 Page - Rohm

Part # BU2152FS
Description  Serial / Parallel 4-input Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 13 Page - Rohm

Back Button BU2152FS Datasheet HTML 9Page - Rohm BU2152FS Datasheet HTML 10Page - Rohm BU2152FS Datasheet HTML 11Page - Rohm BU2152FS Datasheet HTML 12Page - Rohm BU2152FS Datasheet HTML 13Page - Rohm BU2152FS Datasheet HTML 14Page - Rohm BU2152FS Datasheet HTML 15Page - Rohm BU2152FS Datasheet HTML 16Page - Rohm BU2152FS Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
13/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
【BU2099FV】
●Switching characteristics (Unless otherwise specified, VDD=5V, VSS=0V, Ta=25℃)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
VDD(V)
Minimum Clock Pulse Width
(CLOCK)
tW
1000
-
-
ns
3
-
500
-
-
ns
5
Minimum Latch Pulse Width
(LCK)
tW
(LCK)
1000
-
-
ns
3
-
500
-
-
ns
5
Setup Time
(LCK
→CLOCK)
tS
400
-
-
ns
3
-
200
-
-
ns
5
Setup Time
(DATA
→CLOCK)
tsu
400
-
-
ns
3
-
200
-
-
ns
5
Hole Time
(CLOCK
→DATA)
tH
400
-
-
ns
3
-
200
-
-
ns
5
Propagation
(SO)
tPLH
tPHL
-
-
500
ns
3
-
-
-
250
ns
5
-
Propagation
(LCK
→QX) *
tPLZ
(LCK)
-
360
-
ns
3
RL=5k
Ω
CL=10pF
-
170
-
ns
5
tPZL
(LCK)
-
260
-
ns
3
RL=5k
Ω
CL=10pF
-
175
-
ns
5
Propagation
( QE →QX) *
tPLZ
-
115
-
ns
3
RL=5k
Ω
CL=10pF
-
85
-
ns
5
tPZL
-
175
-
ns
3
RL=5k
Ω
CL=10pF
-
65
-
ns
5
Noise Pulse Suppression
Time (LCK) *
tI
-
30
ns
-
-
-
20
ns
-
*Reference value
●Input Voltage Test Circuit
Fig. 8
●Switching Time Test Circuit
Fig. 9
RL =10k
Ω
GND
(Vss)
P.G.
VIH
VIL
GND
RL =5kΩ
VDD
GND
(Vss)
P.G.
GND
(Vss)
CL =10pF
+25V
RL =5kΩ
GND
(Vss)
CL =10pF
+25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com