Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68C429AVF Datasheet(PDF) 18 Page - ATMEL Corporation

Part # TS68C429AVF
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AVF Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button TS68C429AVF Datasheet HTML 14Page - ATMEL Corporation TS68C429AVF Datasheet HTML 15Page - ATMEL Corporation TS68C429AVF Datasheet HTML 16Page - ATMEL Corporation TS68C429AVF Datasheet HTML 17Page - ATMEL Corporation TS68C429AVF Datasheet HTML 18Page - ATMEL Corporation TS68C429AVF Datasheet HTML 19Page - ATMEL Corporation TS68C429AVF Datasheet HTML 20Page - ATMEL Corporation TS68C429AVF Datasheet HTML 21Page - ATMEL Corporation TS68C429AVF Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
18
TS68C429A
2120A–HIREL–08/02
The lowest value will give the highest priority. If two channels have the same priority,
one of them will never be able to send its interrupt vector to the microprocessor. Each
channel must have a unique channel priority order.
Figure 11.
15 14 13 12 11 10 9876 54321
0
Channel enable
Test mode
Label control
Label control matrix write enable
Parity control
Not used
Wrong parity
Not used
Channel priority order
USD access
LDS access
Table 9. Register Control Register Description
Bit
Function
Comments
Bit 15
Channel enable
0: channel is out of service
1: channel is in service
Bit 14
Test mode
0: external ARINC lines as input (normal operation)
1: third transmitter lines as input (test mode)
Bit 13
Label control
0: no control, all the labels are accepted
1: automatic check of the label according to the label control matrix
Bit 12
LCMWE label control matrix
write enable
0: receiving mode (write to the matrix are disabled)
1: programmation mode for labels control matrix
Bit 11
Parity control
0: even parity check
1: odd parity check
Bit 10
Parity control
0: parity check is disable
1: parity check is enable
Bit 9
Not used
Bit 8
Not used
Bit 7
Wrong parity: this feature is
enabled only if the self-test
register bit 0 is set 1
0: received message parity is correct if read, reset wrong wrong parity flag if written.
1: an incorrect received message parity has been detected (the corresponding
message is lost) (set by hardware).
Bit 6
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com