Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC Datasheet(PDF) 1 Page - Fox Electronics

Part # FC
Description  CERAMIC RESIN SEALED SMD CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FC Datasheet(HTML) 1 Page - Fox Electronics

  FC Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19
© 2004 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
FEATURES
• Low Cost
• Resin Sealed
• Tape and Reel (1,000 pcs. STD)
All specifications subject to change without notice. Rev.
6/1/04
CERAMIC RESIN SEALED SMD CRYSTAL
MODEL: FC
• STANDARD SPECIFICATIONS
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging per year
3.200 ~ 7.200 MHz
±50 PPM
±50 PPM
-10ºC ~ +60ºC
-40ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
0.1 mW
±5 PPM
3.200 ~ 3.499
3.499+ ~ 3.999
3.999+ ~ 4.399
4.399+ ~ 4.899
4.899+ ~ 5.999
5.999+ ~ 6.999
6.999+ ~ 7.200
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
200
140
120
100
80
60
50
Operating Mode
Max ESR
All dimensions are in millimeters.
MAX (unless otherwise noted)
OPTIONS
• Tolerances to < 20 PPM
• Stabilities to < 15 PPM
• Temperatures to -40ºC ~ +85ºC
3.200 ~ 7.200
FC
Model Number
Part Number
217-Frequency-xxxxx
• PART NUMBER Learn More - Internet Required
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
Frequency Range (MHz)


Similar Description - FC

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQA FOX-FQA Datasheet
79Kb / 1P
CERAMIC RESIN SEALED SMD CRYSTAL
32215FE FOX-32215FE Datasheet
84Kb / 1P
CERAMIC RESIN SEALED SMD CRYSTAL
F368F3 FOX-F368F3 Datasheet
80Kb / 1P
CERAMIC RESIN SEALED SMD CRYSTAL
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
Resin Sealed SMD Crystal
FE FOX-FE Datasheet
198Kb / 2P
Ceramic Resin Sealed SMD Crystal
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
Resin Sealed SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com