Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD Datasheet(PDF) 1 Page - Fox Electronics

Part # FD
Description  Ceramic Seam Sealed SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FD Datasheet(HTML) 1 Page - Fox Electronics

  FD Datasheet HTML 1Page - Fox Electronics FD Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
33
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
FEATURES
• High Frequency Range
• Fundamental to 218 MHz
• Inverted Mesa: 50-218 MHz
• Tape and Reel (3,000 pcs. STD)
1 Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer Service for
specific requirements.
All specifications subject to change without notice.
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
6.000 ~ 160.000 MHz
(Fund to 50MHz, 3rd OT, 5th OT)
50.000 ~ 218 MHz
(Fund Inverted Mesa)
Aging per year
6.000 ~ 218.000 MHz
±50 PPM
±50 PPM
-10ºC ~ +60ºC
-40ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
0.5 mW
0.1 mW
±5 PPM
• STANDARD SPECIFICATIONS1
8.000 ~ 10.000
10.000 ~ 16.000
16.000 ~ 50.000
50.000 ~ 218.000
28.000 ~ 176.000
84.000 ~ 160.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
Fundamental (Inv. Mesa)
3rd OT
5th OT
110
60
40
30
60
80
Operating Mode
Max ESR
All dimensions are in millimeters.
MAX (unless otherwise noted)
OPTIONS
• Tolerances to 5 PPM
• Stabilities to 3 PPM
• Temperatures to -40ºC ~ +85ºC
6.000 ~ 218.000
FD
Model Number
Part Number
218-Frequency-xxxxx
• PART NUMBER
Frequency Range (MHz)
Ceramic Seam Sealed SMD Crystal
Rev. 9/24/2012
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FD


Similar Description - FD

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FMB FOX-FMB Datasheet
87Kb / 1P
CERAMIC SEAM SEALED SMD CRYSTAL
logo
Mercury United Electron...
H32 MERCURY-H32 Datasheet
425Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
HCK3261 MERCURY-HCK3261 Datasheet
124Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
HCK5761 MERCURY-HCK5761 Datasheet
129Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
HW5762 MERCURY-HW5762 Datasheet
115Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
logo
TXC Corporation.
7C-SERIES TXC-7C-SERIES Datasheet
924Kb / 1P
Small SMD seam sealed clock crystal oscillator units.
7W-SERIES TXC-7W-SERIES Datasheet
971Kb / 1P
Small SMD seam sealed clock crystal oscillator units.
7X-SERIES TXC-7X-SERIES Datasheet
932Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
AC-SERIES TXC-AC-SERIES Datasheet
1,005Kb / 1P
Ultra small SMD seam sealed clock crystal oscillator units.
logo
Renesas Technology Corp
495-25-141 RENESAS-495-25-141 Datasheet
274Kb / 3P
Ceramic, Seam-Sealed, SMD, Crystal
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com