Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE Datasheet(PDF) 1 Page - Fox Electronics

Part # FE
Description  Ceramic Resin Sealed SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FE Datasheet(HTML) 1 Page - Fox Electronics

  FE Datasheet HTML 1Page - Fox Electronics FE Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
31
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
All dimensions are in millimeters.
FEATURES
• Low Cost
• High Frequency Range
• Fundamental to 50 MHz (BT Cut)
• Resin Sealed
• Tape and Reel (2,000 pcs. STD)
OPTIONS
• Tolerances to < 20 PPM
• Stabilities to < 15 PPM
• Temperatures to -40ºC ~ +85ºC
• 1.4mm Height Max
• 2 Additional Footprints (FH, FL)
6.000 ~ 8.000
8.000+ ~ 16.000
16.000+ ~ 50.000
28.000 ~ 84.000
84.000+ ~ 160.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
3rd OT
5th OT
80
60
40
60
80
Operating Mode
Max ESR
1 Other stabilities & operating temperature ranges available. Consult Fox Customer Service for
specific requirements.
All specifications subject to change without notice.
• STANDARD SPECIFICATIONS1
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging per year
6.000 ~ 160.000 MHz
±50 PPM
±50PPM
-10ºC ~ +60ºC
-40ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
0.5 mW
±5 PPM
MAX (unless otherwise noted)
6.000 ~ 160.000
FE
Model Number
Part Number
219-Frequency-xxxxx
• PART NUMBER Learn More - Internet Required
Frequency Range (MHz)
Ceramic Resin Sealed SMD Crystal
Rev. 10/31/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FE
Page 1 of 2


Similar Description - FE

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQA FOX-FQA Datasheet
79Kb / 1P
CERAMIC RESIN SEALED SMD CRYSTAL
32215FE FOX-32215FE Datasheet
84Kb / 1P
CERAMIC RESIN SEALED SMD CRYSTAL
F368F3 FOX-F368F3 Datasheet
80Kb / 1P
CERAMIC RESIN SEALED SMD CRYSTAL
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
Resin Sealed SMD Crystal
FC FOX-FC Datasheet
81Kb / 1P
CERAMIC RESIN SEALED SMD CRYSTAL
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
Resin Sealed SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com