Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FK Datasheet(PDF) 1 Page - Fox Electronics

Part # FK
Description  TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FK Datasheet(HTML) 1 Page - Fox Electronics

  FK Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 1998 FOX ELECTRONICS
Actual Size
The FK is an AT-cut tight tolerance SMD crystal designed to
withstand extreme heat from IR reflow operations. This new
compact package is formed before the crystal is inserted which
allows for tighter tolerances and stabilities.
FEATURES
• Tight Tolerance and Stability
• Cost Effective
• Excellent Hermeticity
• Tape and Reel (1,000 pcs. STD)
Operating Temperature
0ºC ~ +50°C
-10ºC ~ +50°C
-10ºC ~ +60°C
-10ºC ~ +70°C
-20ºC ~ +70°C
-30ºC ~ +80°C
-40ºC ~ +85°C
• FK STANDARD SPECIFICATIONS
PARAMETERS
Frequency Range
Frequency Tolerance
Frequency Stability, ref @ 25ºC
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging
UNITS
MHz
PPM
ºC
pF
pF
mW
PPM
MAX
90.000
+20 *
+90
7.0
Series
0.1
+5.0
MIN
3.579545
-20 *
-40
10.0
-5.0
CONDITIONS
Ta = 25ºC
See below
See below
Customer Specified
3.579545 ~ 90.000 MHz
Ta = 25ºC; per year
Frequency Range (MHz)
3.579
∼ 4.000
4.000+
∼ 5.000
5.000+
∼ 6.000
6.000+
∼ 7.000
7.000+
∼ 9.000
Operating Mode
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Oper. Mode
Fundamental
Fundamental
Fundamental
3rd OT
Max ESR
Ω
60
40
30
100
Frequency Range (MHz)
9.000+
∼ 13.000
13.000+
∼ 20.000
20.000+
∼ 30.000
30.000
∼ 90.000
* Other tolerances available. Consult Fox Customer Service for specific requirements, or use crystal order form on page 6.
All specifications subject to change without notice. Rev. 6/2/98
TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
FK
Inch dimensions shall govern.
All dimensions are in inches & parenthetically in millimeters.
See page 26 for tape and reel specifications.
±15PPM
*
*
*
*
*
*
±20PPM
*
*
*
*
*
*
*
±30PPM
*
*
*
*
*
*
*
±7.5PPM
*
*
*
*
±10PPM
*
*
*
*
*
±50PPM
*
*
*
*
*
*
*
±100PPM
*
*
*
*
*
*
*
Max ESR
Ω
200
150
120
100
80
DISCONTINUED


Similar Description - FK

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FPXLF FOX-FPXLF Datasheet
157Kb / 2P
Plastic Encased SMD Crystal
FPX FOX-FPX Datasheet
77Kb / 1P
PLASTIC ENCASED SMD CRYSTAL
FK10000 FOX-FK10000 Datasheet
33Kb / 1P
TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
logo
PETERMANN-TECHNIK
SMD01612-4 PETERMANN-SMD01612-4 Datasheet
78Kb / 1P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD02016-4 PETERMANN-SMD02016-4 Datasheet
75Kb / 2P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD02502-4 PETERMANN-SMD02502-4 Datasheet
73Kb / 2P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
logo
Fox Electronics
FPXLF040 FOX-FPXLF040 Datasheet
197Kb / 3P
Plastic Encased SMD Crystal
FPXLF073 FOX-FPXLF073 Datasheet
170Kb / 2P
Plastic Encased SMD Crystal
FPXLF196-20 FOX-FPXLF196-20 Datasheet
459Kb / 3P
Plastic Encased SMD Crystal
FPXLF250F-20 FOX-FPXLF250F-20 Datasheet
437Kb / 3P
Plastic Encased SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com