Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A Datasheet(PDF) 2 Page - MMD Components

Part # A
Description  A Series Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

A Datasheet(HTML) 2 Page - MMD Components

  A_13 Datasheet HTML 1Page - MMD Components A_13 Datasheet HTML 2Page - MMD Components A_13 Datasheet HTML 3Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
08/14/13 J
Specifications subject to notice without notice
Pg 2 of 3
RoHS Com pliant
Blank = Not Com pliant
F = Is Com pliant
Load Capacitance
S = Series
20 = 20pF (Standard)
XX = XXpF (8pF to 50pF)
Tem perature
Tolerance/Stability*
A = ±50 ppm / ±100 ppm
B = ±30 ppm / ±50 ppm
C = ±15 ppm / ±30 ppm
D = ±10 ppm / ±15 ppm
E = ±50 ppm / ±50 ppm
N = ±10 ppm / ±10 ppm
Mode of O peration
1 = Fundam ental
3 = 3rd Overtone
5 = 5th Overtone
Value Added Options
Blank = No Added Options
I = Mylar Insulator Tab
L = 3rd Lead (Top of Can)
3 = 3 Lead Base
CLXXX = Cut Leads
XXX = Lead Length Code
Frequency
HC-49/U
A
* Please consult with M MD sales departm ent for any other param eters or options.
** Not all Frequency Tolerance/Stability options available at this tem perature range.
Operating Tem perature
A = 0°C to +70°C
B = -20°C to +70°C
C = -40°C to +85°C **
13.46 [.530]
MAX
12 M M M in
0.43 [.017]
4.70 [.185]
MAX
11.20 [.441]
MAX
4.88 [.192]
DIM ENSIO NS IN BRACKETS ARE IN INCHES
M XX.XXX
SYM CCL
Part Number Guide
Mechanical Details
Frequency Range
ESR (Ohms)
Mode / Cut
1.8432MHz to 1.999MHz
800 Max
Fund / AT
2.000MHz to 2.399MHz
550 Max
Fund / AT
2.400MHz to 2.999MHz
350 Max
Fund / AT
3.000MHz to 3.199MHz
250 Max
Fund / AT
3.200MHz to 3.499MHz
200 Max
Fund / AT
3.500MHz to 3.599MHz
150 Max
Fund / AT
3.600MHz to 3.999MHz
120 Max
Fund / AT
4.000MHz to 4.999MHz
100 Max
Fund / AT
5.000MHz to 5.999MHz
70 Max
Fund / AT
6.000MHz to 40.000MHz
40 Max
Fund / AT
24.000MHz to 75.000MHz
40 Max
3rd OT / AT
75.001MHz to 160.000MHz max
100 Max
5th OT /AT
ESR Chart



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com