Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAL Datasheet(PDF) 2 Page - MMD Components

Part # MAL
Description  MAP, MAL & MAV Series Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MAL Datasheet(HTML) 2 Page - MMD Components

  MAL Datasheet HTML 1Page - MMD Components MAL Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
03/18/11 J
Subject to change without notice
Pg 2 of 2
Revision:
20.70 [.815]
MAX
13.10 [.516]
MAX
15.24 [.600]
7.62 [.300]
1
14
8
7
5.08 [.200] MIN
DIMENSIONS IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
PIN 1 INDICATOR
5.08 [.200]
MAX
.46 [.018]
OUTPUT
PIN 8
SUPPLY VOLTAGE
PIN 1
PIN 7
PIN CONNECTIONS
COMPL. OUTPUT
CASE GROUND
PIN 14
MXXXXX
SYYWWL
XXXXX
Part Number Guide
Mechanical Details
FREQUENCY
Package Options
A = 14DIP/4
Frequency
Stability
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Pin 1 Connection
C = Compl. Output
Operating
Temperature
Blank = 0°C to +70°C
48 = -40°C to +85°C
Symmetry
Blank = 40%/60%
A = 45%/55%
Value Added Options
Blank = No Added Options
G = Gull-Wing
CLXXX = Cuts Lends
XXX = Lead Length
Please Consult with MMD Sales Deparment for any other Parameters or Options
Output
L = LVPECL
V = LVDS
Supply Voltage
2 = +2.5 VDC
3 = +3.3 VDC
P = PECL
5 = +5.0 VDC
MA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com