Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMHB250ADA331MJA0G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EMHB250ADA331MJA0G
Description  SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EMHB250ADA331MJA0G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EMHB250ADA331MJA0G Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
High heat resistance, 125C
CAT. No. E1001K
@ESR : Less than MVH
@Endurance : 2,000 hours at 125C
@Rated Voltage Range : 10 to 35V
@Nominal capacitance range : 47 to 470MF
@Solvent resistant type
@RoHS Compliant
?SPECIFICATIONS
(20C, 120Hz)
(at 20C after 2 minutes)
(20C, 120Hz)
(120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. impedance Ratio)
Endurance
Shelf Life
Items
-40 to +125C
10 to 35Vdc
P20%(M)
I=0.01CV
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage(Vdc)
tanE (Max.)
Rated voltage(Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 2,000 hours
at 125C.
Capacitance change
[P30% of the initial value
D.F. (tanE)
[300% of the initial specified value
Leakage current
[The initial specified value
ESR(-40C, 400kHz)
HA0 : [6O
JA0 : [4.5O
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1,000 hours at 125C without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
[P30% of the initial value
D.F. (tanE)
[300% of the initial specified value
Leakage current
[The initial specified value
Characteristics
10V
0.24
10V
3
4
16V
0.20
16V
2
3
25V
0.16
25V
2
3
35V
0.14
35V
2
3
?PART NUMBERING SYSTEM
?DIMENSIONS [mm]
?MARKING
LP0.5
0.3max.
AP0.2
W
Size code
HA0
JA0
D
8
10
L
10.0
10.0
A
8.3
10.3
B
8.3
10.3
C
9.0
11.0
W
0.7 to 1.1
0.7 to 1.1
P
3.1
4.5
5j
220
CHB
EX) 16V220MF
Rated voltage (Vdc)
10
16
25
35
Symbol
A
C
E
V
@Terminal Code : A
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 47MF:470, 470MF:471)
Taping code
Terminal code
Voltage code (ex. 10V:100, 35V:350)
Series code
Category
E M H B A A A A D A A A A
A A A G
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Lower ESR
MHB
MVH
?STANDARD RATINGS
@Rated voltage symbol
Upgrade!
Please refer to "Product code guide (surface mount type)"
WV(Vdc)
Cap(mF)
Size code
ESR (omax/100k to 400kHz)
Rated ripple current
(mArms/125c, 100k to 400kHz)
Part No.
20c
-40c
10
330
HA0
0.3
3.0
240
EMHB100ADA331MHA0G
470
JA0
0.2
2.0
330
EMHB100ADA471MJA0G
16
100
HA0
0.3
3.0
240
EMHB160ADA101MHA0G
220
HA0
0.3
3.0
240
EMHB160ADA221MHA0G
25
100
HA0
0.3
3.0
240
EMHB250ADA101MHA0G
220
HA0
0.3
3.0
240
EMHB250ADA221MHA0G
330
JA0
0.2
2.0
330
EMHB250ADA331MJA0G
35
47
HA0
0.3
3.0
240
EMHB350ADA470MHA0G
100
HA0
0.3
3.0
240
EMHB350ADA101MHA0G
100
JA0
0.2
2.0
330
EMHB350ADA101MJA0G
220
JA0
0.2
2.0
330
EMHB350ADA221MJA0G
(1/1)


Similar Part No. - EMHB250ADA331MJA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMHB101ARA CHEMI-CON-EMHB101ARA Datasheet
400Kb / 2P
High heat resistance, 125?
EMHB101ARA101MKG5S CHEMI-CON-EMHB101ARA101MKG5S Datasheet
400Kb / 2P
High heat resistance, 125?
EMHB101ARA750MKE0S CHEMI-CON-EMHB101ARA750MKE0S Datasheet
400Kb / 2P
High heat resistance, 125?
EMHB350ADA CHEMI-CON-EMHB350ADA Datasheet
400Kb / 2P
High heat resistance, 125?
EMHB350ADA101MHA0G CHEMI-CON-EMHB350ADA101MHA0G Datasheet
400Kb / 2P
High heat resistance, 125?
More results

Similar Description - EMHB250ADA331MJA0G

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK NIC-NACK Datasheet
48Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NACNW NIC-NACNW Datasheet
172Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com