Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3T22AH-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G3T22AH-R
Description  Process Sealed Ultra-Miniature SMT Toggles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G3T22AH-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G3T22AH-R Datasheet HTML 1Page - List of Unclassifed Manufacturers G3T22AH-R Datasheet HTML 2Page - List of Unclassifed Manufacturers G3T22AH-R Datasheet HTML 3Page - List of Unclassifed Manufacturers G3T22AH-R Datasheet HTML 4Page - List of Unclassifed Manufacturers G3T22AH-R Datasheet HTML 5Page - List of Unclassifed Manufacturers G3T22AH-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series G3T
Process Sealed Ultra-Miniature SMT Toggles
www.nkk.com
A43
A
Distinctive Characteristics
Actual Size
Ultra-miniature size allows high density mounting, and extremely light
weight of 0.6 gram makes these switches ideal for handheld equipment.
Tape-reel and stick-tube packaging allow rapid automated
placement of surface mount devices. Tape-reel packaging
meets EIA-481-D Standard.
Heat resistant resin used for housing, base, and
lever allows vapor phase and infrared convection
reflow soldering.
Combination of design features achieves total seal and
allows automated processing techniques, including flux
cleaning procedures: one-piece bushing and housing,
rubber seals surrounding actuator and base, epoxy at
joint of case and base, and molded-in, epoxy-sealed
terminals.
Award-winning STC contact mechanism with benefits
unavailable in conventional mechanisms: smoother, positive
detent actuation, increased contact stability and unparalleled logic-level
reliability. (Additional STC details in Terms & Acronyms; see Supplement section.)
Gull-wing terminals provide mechanical stability during soldering and simplified solder
joint inspection.
Coplanarity: all considered surfaces must lie between two parallel planes that are a
maximum distance apart of .0059” (0.15mm). (Additional coplanarity details in Terms
and Acronyms in the Supplement section.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com