Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3T13AH-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # G3T13AH-R
Description  Process Sealed Ultra-Miniature SMT Toggles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G3T13AH-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  G3T13AH-R Datasheet HTML 1Page - List of Unclassifed Manufacturers G3T13AH-R Datasheet HTML 2Page - List of Unclassifed Manufacturers G3T13AH-R Datasheet HTML 3Page - List of Unclassifed Manufacturers G3T13AH-R Datasheet HTML 4Page - List of Unclassifed Manufacturers G3T13AH-R Datasheet HTML 5Page - List of Unclassifed Manufacturers G3T13AH-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series G3T
Process Sealed Ultra-Miniature SMT Toggles
www.nkk.com
A46
A
PACKAGING
R
Tape-Reel
for Right Angle
500 pieces per reel
Switches must be ordered in
500-piece increments when
tape-reel packaging is selected.
This packaging meets EIA-481-D
Standard for “16mm and 24mm
Embossed Carrier Taping of
Surface Mount Components
for Automatic Handling.”
Partitioned Tray
for Upright & Right Angle
Any quantity
If the G3 upright models are
ordered in less than 50-piece
increments or the right angle
models in less than 500-piece
increments, the switches are
packaged in a partitioned tray.
No code is required.
No
Code
S
Stick-Tube
for Upright Mount
50 pieces per stick
Switches must be ordered in
50-piece increments when
stick-tube packaging is selected.
PACKAGING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com